Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LMC1608TP-R11G

  • AI
    The **LMC1608TP-R11G** is a high-frequency multilayer ceramic chip inductor. It is commonly used in RF (Radio Frequency) circuits and high-speed communication devices. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.11 µH (110 nH) | | **Tolerance** | ±2% (G) | | **Case Size (EIA/Metric)** | 0603 / 1608 | | **Dimensions** | 1.6mm x 0.8mm | | **Quality Factor (Q)** | 10 (at 100MHz) | | **Self-Resonant Frequency (SRF)** | 600 MHz (Typical) | | **DC Resistance (DCR)** | 0.95 Ω (Max) | | **Rated Current** | 300 mA | --- ### 2. Part Number Breakdown The nomenclature for this part (likely manufactured by **Taiyo Yuden** or similar manufacturers like **Shenzhen Sunlord**) follows this structure: * **LMC**: Series identifier (Multilayer Chip Inductor for High Frequency). * **1608**: Dimensions (1.6mm length x 0.8mm width). * **TP**: Packaging code (typically Tape and Reel). * **R11**: Inductance value ($R$ acts as a decimal point, so $0.11 \mu H$). * **G**: Tolerance code ($\pm 2\%$). --- ### 3. Key Applications Because of its small footprint and high-frequency stability, this part is used in: * **RF Matching Networks:** Impedance matching for antennas in smartphones and tablets. * **Bluetooth/Wi-Fi Modules:** Filtering and signal conditioning in wireless communication. * **High-Speed Signal Lines:** Noise suppression in digital circuits. * **EMI Suppression:** Reducing electromagnetic interference in compact PCB designs. --- ### 4. Component Construction The "Multilayer" designation means the inductor is built by layering ceramic dielectric material and conductive internal electrodes (usually silver or copper). This monolithic structure provides: 1. **High Reliability:** No leads or external windings to break. 2. **Magnetic Shielding:** Minimizes cross-talk between components on a dense PCB. 3. **Excellent Frequency Characteristics:** Low parasitic capacitance compared to wire-wound inductors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the 'G' tolerance affect the performance in an RF matching circuit?
    • ⤷ What are the recommended soldering profiles for 0603 ceramic components?