Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LMC1608TP-R30G

  • AI
    The **LMC1608TP-R30G** is a high-frequency chip inductor, typically manufactured by companies like Taiyo Yuden or similar specialty component firms. This specific part belongs to a class of multilayer ceramic inductors designed for compact electronic circuits. ### 1. Technical Specifications The part number follows a standard nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.30 µH (indicated by "R30") | | **Tolerance** | ±2% (indicated by "G") | | **Case Size (EIA)** | 0603 (Inches) | | **Case Size (Metric)** | 1608 (1.6mm x 0.8mm) | | **Technology** | Multilayer Ceramic | | **Packaging** | Tape & Reel (indicated by "TP") | --- ### 2. Breakdown of the Part Number * **LMC**: Series prefix, usually denoting a multilayer chip inductor for high-frequency applications. * **1608**: Dimensions. 1.6mm length x 0.8mm width. * **TP**: Packaging style (Tape and Reel). * **R30**: Nominal Inductance. "R" acts as a decimal point, meaning 0.30 Microhenries (µH). * **G**: Tolerance code. G represents ±2%, which is considered a high-precision rating for an inductor. --- ### 3. Key Applications Because this component is a multilayer ceramic inductor with low inductance and high precision, it is primarily used in: * **RF Circuits:** Matching circuits for Bluetooth, Wi-Fi, and cellular modules. * **High-Frequency Filtering:** Removing noise in communication equipment. * **Mobile Devices:** Due to the small 0603 footprint, it is ideal for smartphones and tablets. * **Impedance Matching:** Used to ensure maximum power transfer between RF stages. --- ### 4. Typical Performance Characteristics Multilayer ceramic inductors like the LMC1608 are favored over wire-wound inductors in specific scenarios due to: 1. **High Q Factor:** Offers low loss at high frequencies. 2. **High Self-Resonant Frequency (SRF):** Allows the inductor to function effectively in the GHz range without behaving like a capacitor. 3. **Stability:** The ceramic structure provides excellent thermal and mechanical stability.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current (Imax) and DC resistance (DCR) ratings for this part?
    • ⤷ How does a ±2% tolerance affect the performance of an RF matching circuit?
    • ⤷ What are the common alternatives if the LMC1608 series is out of stock?