Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LMC212A-MM-R3

  • AI
    ## Overview of the Black Box LMC212A-MM-R3 The **LMC212A-MM-R3** is a high-performance **Mini Media Converter** designed to bridge the gap between copper-based Ethernet networks and fiber optic networks. Specifically, it converts 10/100/1000Base-T UTP signals to 1000Base-SX Multi-Mode fiber. --- ### Technical Specifications & Electronic Components The device integrates several critical electronic subsystems to ensure low latency and high signal integrity. | Component / Feature | Specification | |:---|:---| | **Copper Interface** | 1x RJ-45 (10/100/1000 Mbps, Auto-MDI/MDI-X) | | **Fiber Interface** | 1x SC Multi-Mode (1000Base-SX) | | **Wavelength** | 850 nm | | **Max Distance** | 550 meters (1804 ft) | | **Power Input** | 5 VDC, 1A (External Power Adapter) | | **Diagnostic LEDs** | Power, Fiber Link/Act, Copper Link/Act | | **Enclosure** | Compact Metal Chassis | --- ### Key Electronic Functionality #### 1. Signal Conversion (PHY Layer) The heart of the LMC212A-MM-R3 is a **Physical Layer (PHY) Transceiver** chip. It handles the encoding and decoding of electrical signals from the RJ-45 port and translates them into optical pulses for the fiber interface. It supports **Auto-Negotiation**, allowing it to detect the speed and duplex mode of the connected copper device. #### 2. Link Fault Pass-Through (LFP) A crucial electronic feature is **Link Fault Pass-Through**. If one side of the link (either fiber or copper) fails, the converter electronically drops the link on the opposite side. This prevents the "silent failure" of a link, allowing managed switches to detect the outage immediately and trigger redundant paths. #### 3. Fiber Optic Transceiver The unit uses a fixed-in-place **SC-type transceiver**. * **Emitter:** Typically a VCSEL (Vertical-Cavity Surface-Emitting Laser) for high-speed 850nm transmission. * **Receiver:** A high-sensitivity PIN photodiode that converts incoming light pulses back into electrical current. #### 4. Power Management The internal circuitry includes a **DC-to-DC Voltage Regulator**. Since the external input is 5V, the internal logic chips often require lower voltages (such as 3.3V or 1.2V). The onboard filtering capacitors ensure stable power delivery and minimize electromagnetic interference (EMI). --- ### Diagnostic LED Indicators The front panel utilizes a set of LEDs to provide real-time status of the internal electronics: * **PWR:** Indicates the internal power supply is active. * **LNK/ACT (Fiber):** Solid light indicates a physical fiber connection; flashing indicates data transmission. * **LNK/ACT (Copper):** Indicates link status and activity on the RJ-45 port. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LMC212A-MM-R3 and the Single-Mode version?
    • ⤷ Does this media converter support jumbo frames?
    • ⤷ How does Link Fault Pass-Through (LFP) help in network troubleshooting?