Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LPF-15P.MA-R/Q

  • AI
    The **LPF-15P.MA-R/Q** refers to a high-frequency **Low Pass Filter (LPF)**, typically utilized in radio frequency (RF) and microwave applications. This component is designed to allow signals below a specific cutoff frequency to pass through while attenuating (blocking) signals above that frequency. ### 1. Technical Specifications Overview The "LPF" series generally follows a standard LTCC (Low Temperature Co-fired Ceramic) construction, which allows for a miniature footprint and high thermal stability. | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Technology** | LTCC (Low Temperature Co-fired Ceramic) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Standard Impedance** | 50 Ohms | | **Operating Temperature** | -40°C to +85°C (Typical) | --- ### 2. Breakdown of the Part Number While specific manufacturer codes can vary slightly, the nomenclature usually breaks down as follows: * **LPF**: Component Category (Low Pass Filter). * **15P**: Package Size (often 0603 in imperial, or 1.6 x 0.8 mm). * **MA**: Material or specific frequency band designation. * **R/Q**: Packaging format (Tape & Reel) or specific performance grading/revision. --- ### 3. Key Electronic Functions The LPF-15P series is engineered to perform three primary tasks in a circuit: 1. **Harmonic Suppression**: Removing unwanted higher-order harmonics generated by power amplifiers. 2. **Noise Reduction**: Filtering out high-frequency electromagnetic interference (EMI). 3. **Signal Integrity**: Smoothing out digital signals to prevent aliasing or "ringing" in high-speed data lines. --- ### 4. Common Applications These parts are commonly found in compact wireless devices due to their small size and high reliability. * **Mobile Communications**: GSM, LTE, and 5G sub-6GHz front-end modules. * **WLAN/Bluetooth**: Filtering 2.4GHz and 5GHz bands to prevent interference between protocols. * **IoT Devices**: Smart home sensors and wearable technology. --- ### 5. Installation & Layout Considerations To ensure the filter operates at its rated performance, the PCB layout must follow specific RF guidelines: ```markdown 1. Grounding: Connect all ground pins directly to a solid ground plane using multiple vias. 2. Impedance Matching: Ensure the input and output traces are 50-ohm microstrip lines. 3. Component Clearance: Keep digital high-speed lines away from the filter to avoid crosstalk. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the MA-R/Q variant?
    • ⤷ How does LTCC technology compare to discrete LC filters?
    • ⤷ Can this filter be used in high-power transmitter stages?