Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LR1012G-18-AF5-R

  • AI
    ## Overview of LR1012G-18-AF5-R The **LR1012G-18-AF5-R** is a low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, fixed output voltage from a higher input voltage with very low noise and high efficiency. --- ### Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Output Voltage** | 1.8V | Fixed output version | | **Input Voltage Range** | 2.5V to 6.0V | Maximum operating input | | **Output Current** | 300mA | Maximum continuous load | | **Dropout Voltage** | ~200mV | Measured at 300mA load | | **Quiescent Current** | 50µA | Low power consumption in standby | | **Package Type** | SOT-25 / SOT-23-5 | Surface-mount package | | **Operating Temp** | -40°C to +85°C | Industrial grade | --- ### Key Features 1. **Low Dropout Voltage:** Allows the device to regulate voltage effectively even when the input voltage is very close to the output voltage. 2. **Built-in Protections:** * **Current Limiting:** Protects the IC during output short circuits. * **Thermal Shutdown:** Prevents damage caused by overheating. 3. **Low Noise:** Suitable for sensitive RF and analog circuits. 4. **Stability:** Usually requires only a small ceramic capacitor (typically 1µF) at the output for stability. --- ### Part Number Breakdown The nomenclature for this specific part can be decoded as follows: | Code | Meaning | | :--- | :--- | | **LR1012** | Base Part Number (LDO Series) | | **G** | Halogen-Free / RoHS Compliant | | **18** | Output Voltage (1.8 Volts) | | **AF5** | Package Code (SOT-25 / SOT-23-5) | | **R** | Tape and Reel (Shipping Format) | --- ### Typical Application Circuit A standard implementation of the LR1012G requires minimal external components: ```text [Input 2.5V-6V] ----[ IN ]-------[ OUT ]---- [1.8V Output] | | [1uF Cap] [1uF Cap] | | [GND] [GND] ``` * **Pin 1 (IN):** Input Power * **Pin 2 (GND):** Ground * **Pin 3 (EN):** Enable (High = On, Low = Off) * **Pin 4 (NC/BP):** No Connection or Bypass Capacitor * **Pin 5 (OUT):** Regulated Output
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors?
    • ⤷ Can this regulator handle a peak current higher than 300mA?
    • ⤷ How does the EN (Enable) pin behave if left floating?