Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LR1102B-2J-AF5-R

  • AI
    The **LR1102B-2J-AF5-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed for applications requiring stable output voltage with high ripple rejection and low power consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed (Varies by suffix; "2J" typically denotes 2.85V or specific voltage trim) | | **Output Current** | 300 mA (Typical) | | **Dropout Voltage** | Low (Typically < 300mV @ Full Load) | | **Input Voltage Range** | Up to 6.0V - 7.0V | | **Package Type** | SOT-25 / SOT-23-5 (AF5 Code) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying specific features: * **LR1102**: Base series for the Low Dropout Regulator. * **B**: High accuracy version or specific internal version code. * **2J**: The voltage output identifier (often represents 2.85V or a specific customer-defined voltage). * **AF5**: Package code for **SOT-25** (5-pin Small Outline Transistor). * **R**: Packing type (Tape and Reel). --- ### 3. Pin Configuration (SOT-25) In the AF5 package, the pinout typically follows this standard arrangement: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Power Supply Input | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No connection or Bypass Capacitor for noise reduction | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Application Areas Due to its small footprint and low noise profile, the LR1102B is commonly used in: * **Mobile Devices:** Battery-powered electronics like smartphones and tablets. * **Wireless Modules:** Providing clean power to RF transceivers. * **Wearables:** Smartwatches and fitness trackers where space is limited. * **Camera Modules:** High PSRR (Power Supply Rejection Ratio) ensures stable imaging sensors. --- ### 5. Circuit Design Considerations * **Capacitor Selection:** Usually requires a 1.0µF or larger ceramic capacitor at both the input and output for stability. * **Thermal Dissipation:** Since it is a linear regulator, the power dissipated is calculated as $P = (V_{IN} - V_{OUT}) \times I_{OUT}$. Ensure the SOT-25 package can handle the heat generated by the voltage drop.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the '2J' suffix in the LR1102B datasheet?
    • ⤷ Can this regulator be used with a 12V input source?
    • ⤷ What is the typical quiescent current for this specific LDO?