Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LR1102BL-27-AF5-R

  • AI
    ## Analysis of LR1102BL-27-AF5-R The **LR1102BL-27-AF5-R** is a low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed for applications requiring stable voltage regulation with low power consumption. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LR1102** | Series Name | Low Dropout Linear Regulator | | **B** | Version | Internal design revision/feature set | | **L** | Lead-Free | Halogen-free and RoHS compliant | | **27** | Voltage Output | **2.7V** Fixed Output | | **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) | | **R** | Packing | Tape & Reel | --- ### 2. Technical Specifications Key electrical characteristics typically found in the datasheet for this series: * **Output Voltage:** Fixed 2.7V. * **Maximum Output Current:** 300mA. * **Dropout Voltage:** Typically low (approx. 200-300mV at full load), allowing the device to operate even when the input voltage is very close to the output voltage. * **Input Voltage Range:** Usually up to 6V or 7V (refer to specific UTC datasheet for absolute maximums). * **Quiescent Current:** Low standby current, making it suitable for battery-powered devices. --- ### 3. Pin Configuration (SOT-25) In a standard SOT-25/SOT-23-5 package, the pinout for the LR1102 series is generally: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Application Circuit The device requires minimal external components for stability. ```mermaid graph LR Vin[Input Voltage] --> C1[Input Cap 1uF] C1 --> LDO[LR1102BL-27] LDO --> C2[Output Cap 1uF] C2 --> Vout[2.7V Output] ``` ### 5. Features and Use Cases * **Features:** * Built-in current limiting protection. * Thermal shutdown protection. * High PSRR (Power Supply Rejection Ratio) for noise reduction. * **Applications:** * Mobile phones and handheld GPS units. * Battery-powered equipment. * Wireless communication modules. * Camera modules requiring a stable 2.7V rail. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the LR1102 series?
    • ⤷ Can this LDO be used with ceramic capacitors?
    • ⤷ What are the alternatives to the SOT-25 package for this part?