Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LR1102BL-50-AF5-R

  • AI
    The **LR1102BL-50-AF5-R** is a specific part number typically associated with a **Low Dropout (LDO) Linear Voltage Regulator**. This component is widely used in power management to provide a stable, fixed output voltage from a higher, fluctuating input source. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the LR1102BL series (5.0V variant). | Feature | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 5.0 V | | **Output Current** | Typically 300mA - 600mA (model dependent) | | **Dropout Voltage** | Low (approx. 300mV at full load) | | **Input Voltage Range** | Up to 6V - 7V | | **Package Type** | SOT-25 / SOT-23-5 (AF5 code) | | **Accuracy** | ±2% | | **Quiescent Current** | Low (ideal for battery applications) | --- ## 2. Part Number Breakdown Understanding the suffix codes helps identify the exact physical and electrical properties: * **LR1102**: The series name (LDO Regulator). * **BL**: Indicates specific internal revisions or low-noise characteristics. * **50**: Represents the **5.0V** fixed output voltage. * **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) 5-pin package. * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ## 3. Typical Pin Configuration For the AF5 (SOT-25) package, the pinout usually follows this standard layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN / CE** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated 5.0V Output | --- ## 4. Key Electronic Features * **LDO Architecture:** Unlike switching regulators, it uses a pass transistor in a linear mode, resulting in very low output noise and ripple. * **Enable Pin:** Allows the system to shut down the regulator to save power, reducing current draw to near-zero levels. * **Protection Circuits:** Usually includes thermal shutdown and current limit protection to prevent damage during a short circuit or overheating. * **Capacitor Stability:** Requires minimal external components, typically just a small ceramic capacitor at the input and output (e.g., 1µF to 10µF). --- ## 5. Applications * **Battery-Powered Devices:** Smartphones, tablets, and IoT sensors. * **Post-Regulation:** Cleaning up noise from a switching DC-DC converter. * **Microcontrollers:** Providing a steady 5V rail for logic circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage allowed for the LR1102 series?
    • ⤷ Does this LDO require a specific ESR for the output capacitor?
    • ⤷ What are the alternatives to the SOT-25 package for this part?