Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LR9200L-2J-AF5-R

  • AI
    ## Electronic Overview: LR9200L-2J-AF5-R The **LR9200L-2J-AF5-R** is a specific low-dropout (LDO) linear voltage regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed for applications requiring high stability, low noise, and low power consumption. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | 2.8V (Fixed) | | **Input Voltage ($V_{IN}$)** | Up to 7.0V | | **Output Current ($I_{OUT}$)** | 300mA | | **Dropout Voltage ($V_{DROP}$)** | ~250mV @ 100mA | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +85°C | | **Quiescent Current ($I_Q$)** | ~60µA | --- ### 2. Part Number Breakdown The suffixing in the part number provides details on its configuration: - **LR9200L**: Base Series (Low Dropout Linear Regulator). - **2J**: Represents the voltage code. In UTC’s nomenclature, **2J** corresponds to **2.8V**. - **AF5**: Refers to the Package Type, which is **SOT-25** (5-pin Small Outline Transistor). - **R**: Indicates **Tape & Reel** packaging for automated assembly. - **L**: (Within the prefix) usually denotes Lead-free/RoHS compliance. --- ### 3. Pin Configuration (SOT-25) Standard pinout for this regulator series: 1. **$V_{IN}$**: Input voltage supply. 2. **GND**: Ground reference. 3. **CE (Enable)**: Chip Enable (High = On, Low = Shutdown). 4. **NC/BYP**: No connection or Bypass capacitor (used to reduce noise). 5. **$V_{OUT}$**: Regulated 2.8V output. --- ### 4. Circuit Implementation To ensure stability and reduce ripple, the LR9200L typically requires external capacitors. ```cpp // Typical Application Circuit [Input Voltage] ----> [C1: 1uF] ----> VIN [LR9200L] VOUT ----> [C2: 1uF] ----> [Load] GND CE | | [GND] [High/Low Control] ``` ### 5. Common Applications * **Mobile Devices**: Battery-powered equipment requiring 2.8V for logic or sensors. * **RF Modules**: Low-noise requirements for wireless communication. * **Handheld Electronics**: High efficiency at low currents to extend battery life. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable input voltage for the LR9200 series?
    • ⤷ Can this regulator be used with a 5V input to drive a 2.8V load?
    • ⤷ What is the function of the 'CE' pin in this specific component?