LRF2010-R01GT1
AI

The **LRF2010-R01GT1** is a precision low-resistance chip resistor manufactured by **TT Electronics/Welwyn**. It belongs to the LRF series, which is specifically designed for current sensing applications where high power density and low resistance values are required.
---
### ## Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the LRF2010-R01GT1:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | TT Electronics / Welwyn |
| **Part Number** | LRF2010-R01GT1 |
| **Resistance** | 0.01 $\Omega$ (10 m$\Omega$) |
| **Tolerance** | $\pm 2\%$ |
| **Power Rating** | 1 Watt |
| **Package Size** | 2010 (Imperial) / 5025 (Metric) |
| **Temperature Coefficient (TCR)** | $\pm 100$ ppm/°C |
| **Technology** | Thick Film |
| **Operating Temperature** | -55°C to +155°C |
---
### ## Key Features & Construction
1. **Low Ohmic Value:** At 10m$\Omega$, this resistor is designed to sit in the path of a current flow to measure the voltage drop across it without significantly affecting the circuit's overall impedance.
2. **High Power-to-Size Ratio:** The 2010 package usually handles lower power, but the LRF series uses specialized materials to achieve a **1W rating**, allowing for compact PCB designs.
3. **Sulfur Resistance:** The "GT1" suffix often indicates specific plating or termination styles that provide better stability in harsh environments.
4. **Thick Film on Alumina:** The resistive element is printed onto a high-purity alumina substrate, providing good thermal conductivity.
---
### ## Application Use Cases
This component is commonly found in power management and monitoring circuits:
* **Current Sensing:** Used as a "shunt" to monitor battery discharge or motor current.
* **DC-DC Converters:** Providing feedback to PWM controllers to prevent over-current conditions.
* **Battery Management Systems (BMS):** Measuring state-of-charge (SoC) by monitoring current flow.
* **Power Supplies:** Serving as a protective element to detect short circuits.
---
### ## Code Example: Calculating Voltage Drop
When using this resistor in a circuit, you can calculate the voltage output for a microcontroller ADC using Ohm's Law ($V = I \times R$):
```python
# Constants for LRF2010-R01GT1
resistance = 0.01 # 10 mOhms
max_power = 1.0 # 1 Watt
def calculate_voltage_drop(current_amps):
voltage = current_amps * resistance
power_dissipated = (current_amps ** 2) * resistance
if power_dissipated > max_power:
return "Warning: Power exceeds 1W rating!"
return f"Voltage Drop: {voltage:.4f}V | Power: {power_dissipated:.4f}W"
# Example: 5 Amps flowing through the resistor
print(calculate_voltage_drop(5.0))
```
- ⤷
What is the significance of the 'GT1' suffix in this specific series?
- ⤷ How does the TCR of 100 ppm/°C impact measurement accuracy in high-heat environments?
- ⤷ What are the recommended PCB layout tips for 4-terminal sensing with a 2-terminal 2010 resistor?