LRF2010-R02JT1
AI

### LRF2010-R02JT1: Component Overview
The **LRF2010-R02JT1** is a surface-mount, low-resistance (shunt) resistor manufactured by **TT Electronics/Welwyn**. It belongs to the LRF series, which is specifically designed for current sensing applications where high power density and precision are required.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.02 Ohms (20 mΩ) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Power Rating** | 1 Watt (or up to 2W depending on PCB design) |
| **Package Size** | 2010 (Imperial) / 5025 (Metric) |
| **Technology** | Thick Film on Steel or Ceramic |
| **Temperature Coefficient (TCR)** | Typically ±100 ppm/°C |
| **Operating Temp Range** | -55°C to +150°C |
---
### Component Breakdown
#### 1. Part Number Deciphering
* **LRF**: The series name (Low Resistance Metal Foil/Film).
* **2010**: The physical footprint (0.20 x 0.10 inches).
* **R02**: The resistance value (R02 = 0.02 $\Omega$).
* **J**: The tolerance code (J = ±5%).
* **T1**: Packaging code (Standard Tape & Reel).
#### 2. Functional Design
This part is a **Current Sense Resistor**. It is placed in series with a load to measure current flow. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller or monitoring IC can calculate the exact current being drawn by the system.
#### 3. Thermal Management
The 2010 package is larger than standard 0805 or 1206 resistors. This increased surface area allows the component to dissipate the heat generated by high current flow without failing or shifting its resistance value significantly.
---
### Common Applications
* **Power Supplies**: Over-current protection and DC-DC converters.
* **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles in Li-ion packs.
* **Motor Control**: Detecting stall conditions or controlling torque.
* **Consumer Electronics**: Power management in laptops and tablets.
---
### Implementation Example (Basic Calculation)
If you pass **5 Amperes** of current through this resistor:
```python
# Ohms Law: V = I * R
current = 5.0 # Amps
resistance = 0.02 # Ohms
voltage_drop = current * resistance
power_dissipated = (current**2) * resistance
print(f"Voltage Drop: {voltage_drop}V (200mV)")
print(f"Power Loss: {power_dissipated}W")
```
*Note: At 5A, the power loss is 0.5W, which is well within the 1W rating of the LRF2010-R02JT1.*
- ⤷
What are the benefits of using a 2010 package size over a smaller 1206 for current sensing?
- ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of this resistor in high-heat environments?
- ⤷ Can this resistor be used in Kelvin (4-wire) sensing configurations?