LRF3W-R02JW
AI

The **LRF3W-R02JW** is a high-power, low-resistance thick film chip resistor manufactured by **IRC / TT Electronics**. It is specifically designed for current sensing applications where precision and high power dissipation are required in a small footprint.
---
### ## Technical Specifications
The following table highlights the primary electrical and physical characteristics of the LRF3W-R02JW:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.02 Ω (20 mΩ) |
| **Power Rating** | 3 Watts |
| **Tolerance** | ±5% (J) |
| **Package / Case** | 2512 (Metric 6432) |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Technology** | Thick Film |
| **Operating Temperature** | -55°C to +150°C |
---
### ## Key Features & Construction
1. **Current Sensing Capability:** Due to its very low resistance (0.02 Ohms), it is used to measure current flow by monitoring the voltage drop across the component ($V = I \times R$).
2. **High Power-to-Size Ratio:** While standard 2512 resistors are typically rated for 1W or 2W, the LRF3W series uses a specialized design to achieve a **3W** rating.
3. **Thermal Management:** The part is constructed to provide superior thermal conductivity to the PCB, reducing hot spots during high-current operation.
4. **AEC-Q200 Qualified:** Most variations of this series are automotive grade, ensuring high reliability in harsh environments.
---
### ## Typical Applications
* **Power Supplies:** Monitoring output current for over-current protection.
* **Motor Control:** Feedback loops for brushless DC (BLDC) motors.
* **Battery Management Systems (BMS):** Tracking charge and discharge cycles.
* **DC-DC Converters:** Efficiency optimization through precise current monitoring.
---
### ## Internal Structure Code Breakdown
The part number **LRF3W-R02JW** can be decoded as follows:
* **LRF:** Low Resistance Film series.
* **3W:** Power rating of 3 Watts.
* **R02:** Resistance value (R is the decimal point, so 0.02 $\Omega$).
* **J:** Tolerance code (J = ±5%).
* **W:** Packaging suffix (typically refers to Bulk or Tape & Reel depending on context).
- ⤷
What are the PCB layout recommendations for heat dissipation for this 3W resistor?
- ⤷ Can this resistor be used in high-frequency pulse applications?
- ⤷ How does the 'J' tolerance affect the accuracy of current sensing in a BMS?