Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LSML-201209-R56K-T

  • AI
    The **LSML-201209-R56K-T** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits, telecommunications, and general signal processing. --- ### 1. Part Number Breakdown The nomenclature follows a specific standard for SMD passive components: | Component Segment | Meaning | Specification | | :--- | :--- | :--- | | **LSML** | Series Code | Multilayer Chip Inductor (Low Profile/Standard) | | **201209** | Metric Dimensions | 2.0mm x 1.25mm x 0.9mm (0805 Imperial) | | **R56** | Inductance Value | 0.56 microhenries (µH) | | **K** | Tolerance | ±10% | | **-T** | Packaging | Tape & Reel | --- ### 2. Technical Specifications The electrical characteristics are optimized for filtering and resonance applications. * **Inductance:** 0.56 µH * **Case Size:** 0805 (EIA) / 2012 (Metric) * **Operating Temperature:** -40°C to +85°C (standard range) * **Core Material:** Ferrite (typical for ML series) * **Termination:** Lead-free (RoHS compliant) solder plating --- ### 3. Key Features & Applications #### Features * **High Reliability:** The multilayer monolithic structure provides excellent mechanical strength. * **Magnetic Shielding:** Because the inductor is enclosed within the body, it has low magnetic leakage, reducing interference with nearby components. * **Compact Size:** The 0805 footprint is ideal for high-density PCB designs. #### Typical Applications 1. **Noise Suppression:** Used in power supply lines to filter out high-frequency noise. 2. **Signal Matching:** Found in RF circuits for impedance matching. 3. **Consumer Electronics:** Widely used in smartphones, tablets, and wearable devices. 4. **Data Lines:** Helps maintain signal integrity in high-speed data transmission. --- ### 4. Layout Considerations When designing a PCB for this part: * **Pad Sizing:** Ensure the pads are sized for an 0805 footprint to prevent "tombstoning" during reflow. * **Proximity:** While shielded, avoid placing sensitive analog traces directly beneath the inductor if possible to minimize any parasitic coupling.
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance ratings besides 'K' for this series?
    • ⤷ How does the DC resistance (DCR) affect the performance of this inductor?
    • ⤷ Can this inductor be used for power applications requiring high current?