Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LSMT2-41141-R

  • AI
    The **LSMT2-41141-R** is an electronic component typically categorized as a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" feedback to the user. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, the technical parameters generally include: | Parameter | Specification | | :--- | :--- | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Actuation Force** | Typically 160gf to 250gf (grams-force) | | **Switch Type** | Momentary (Normally Open) | | **Orientation** | Right-angle or Vertical (depending on specific sub-series) | | **Dimensions** | Compact footprint (often 4.5mm x 4.5mm or similar) | | **Contact Material** | Silver or Gold-plated | | **Life Cycle** | ~50,000 to 100,000 cycles | --- ### 2. Functional Components An SMT tactile switch like the LSMT2-41141-R consists of several internal parts: * **Actuator (Button):** The part the user presses. In this model, it is designed for a low profile. * **Cover:** Usually metal or high-temperature plastic to protect the internal mechanism. * **Contact Dome:** A metal "snap" dome that provides tactile feedback and completes the circuit when depressed. * **Base:** A heat-resistant thermoplastic (LCP or Nylon) that holds the terminals and survives reflow soldering temperatures. * **Terminals:** Metal pins protruding from the base to be soldered onto a PCB. --- ### 3. Features & Applications This part is designed for modern manufacturing and reliability. #### Features: * **Reflow Solder Compatible:** Designed to withstand the high temperatures of automated assembly lines. * **Tactile Feedback:** Provides a distinct "click" sensation that confirms the button has been pressed. * **Low Profile:** Ideal for space-constrained applications like wearables or slim handheld devices. #### Common Applications: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on cameras. 2. **Computing:** Reset buttons on routers or motherboards. 3. **Automotive:** Dash controls, steering wheel buttons, and key fobs. 4. **Medical:** Interface buttons on portable diagnostic equipment. --- ### 4. Part Number Breakdown (General) While naming conventions vary by manufacturer, the code usually breaks down as follows: * **LS/LSMT:** Series prefix (Linear/Surface Mount Tactile). * **41141:** Specific dimensional and force code. * **-R:** Generally indicates **Tape & Reel** packaging, used for high-speed pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions of the LSMT2nd series?
    • ⤷ What is the recommended reflow soldering profile for this component?
    • ⤷ Are there waterproof (IP67) versions of this tactile switch available?