Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LT6211CDD

  • AI
    The **LT6211CDD** is a high-speed, low-power, dual-operational amplifier manufactured by Analog Devices (formerly Linear Technology). It is designed for high-performance signal processing where power efficiency and bandwidth are critical. --- ## 1. Key Specifications The LT6211 is known for its "Current Feedback" like performance but with "Voltage Feedback" architecture simplicity. | Parameter | Specification | | :--- | :--- | | **Architecture** | Dual Voltage Feedback Operational Amplifier | | **Gain Bandwidth Product** | 200 MHz | | **Slew Rate** | 700 V/µs | | **Supply Voltage Range** | 3V to 12V (Single) or ±1.5V to ±6V (Dual) | | **Supply Current** | 6mA per amplifier (Standard) | | **Input Offset Voltage** | 1 mV (Max) | | **Package Type** | DFN-10 (3mm x 3mm) | --- ## 2. Programmable Power/Speed Feature A unique aspect of the LT6211 is the **Enable/Shutdown pin**, which allows the user to trade off power consumption for speed. By adjusting the current into the shutdown pins, the bandwidth and slew rate can be throttled to save system power when high performance isn't required. --- ## 3. Pin Configuration (DFN-10 Package) The "CDD" suffix refers to the 10-lead plastic DFN package. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-Inverting Input of Amplifier A | | 4 | V- | Negative Power Supply | | 5 | EN A | Enable/Power Control for Amp A | | 6 | EN B | Enable/Power Control for Amp B | | 7 | +IN B | Non-Inverting Input of Amplifier B | | 8 | -IN B | Inverting Input of Amplifier B | | 9 | OUT B | Output of Amplifier B | | 10 | V+ | Positive Power Supply | --- ## 4. Typical Applications Due to its high slew rate and wide bandwidth, the LT6211CDD is commonly used in: * **Video Drivers:** Driving composite video or high-resolution RGB signals. * **Optical Receivers:** Fast photodiode transimpedance amplifiers. * **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters. * **Active Filters:** High-order, high-frequency Butterworth or Chebyshev filters. --- ## 5. Design Considerations 1. **Bypassing:** Because of the 700 V/µs slew rate, high-quality ceramic bypass capacitors (0.1µF and 1µF) must be placed as close to the power pins as possible. 2. **Thermal Pad:** The DFN package has an exposed pad. This should be soldered to a grounded copper plane for optimal thermal dissipation. 3. **Capacitive Loads:** Like most high-speed op-amps, it can become unstable when driving large capacitive loads. A small series resistor (10Ω to 50Ω) at the output is recommended for stability.
    ✨ Follow-up Questions
    • ⤷ How does the programmable current feature affect the gain-bandwidth product?
    • ⤷ What are the primary differences between the LT6211 and the LT6210?
    • ⤷ Can the LT6211 be used in a single-supply 3.3V system?