Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • LU980C-R

  • AI
    The **LU980C-R** is a high-performance, industrial-grade thermal printer mechanism commonly used in kiosks, ATMs, and self-service terminals. It is manufactured by companies like **Luck-Door** and is designed for heavy-duty thermal printing. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Thermal Print Head (TPH)** | High-density heating element array | Converts electrical pulses into heat to create images on thermochromic paper. | | **Stepper Motor** | Precision DC motor | Controls the paper feed mechanism with high accuracy (steps). | | **Control Board (PCB)** | Integrated Logic Circuitry | Manages data processing, buffer memory, and motor synchronization. | | **Auto-Cutter Unit** | Motorized guillotine/blade | Performs full or partial cuts via electronic triggers. | | **Optical Sensors** | IR Transmitters/Receivers | Detects "Paper Out," "Black Mark" (for alignment), and "Paper Near End." | --- ### 2. Technical Specifications The electronic performance of the LU980C-R is defined by its ability to handle high-speed data transmission and high-current power management. * **Operating Voltage:** 24V DC ± 10% (Requires a stable industrial power supply). * **Interface Options:** * **USB:** For standard PC/Kiosk connectivity. * **RS-232 (Serial):** For legacy systems or microcontrollers. * **Resolution:** 203 DPI (8 dots/mm). * **Printing Speed:** Up to 150mm/s – 250mm/s (depending on voltage and data density). * **Paper Width:** 80mm (Standard receipt size). --- ### 3. Key Electronic Features #### A. Thermal Management The printer includes a **Thermistor** mounted on the print head. This component monitors the temperature to prevent the heating elements from burning out during continuous high-speed printing. If the temperature exceeds a threshold, the controller slows the printing speed. #### B. The Presenter/Retractor (Optional Module) Some versions of the LU980C-R include an electronic "Presenter." This prevents the user from pulling the paper while it is still printing (which could damage the motor) and can electronically retract the paper back into a bin if the customer doesn't take the receipt. #### C. Power Consumption * **Standby:** Minimal current draw (~100mA). * **Operating:** Peak currents can reach 2A - 5A depending on the "darkness" setting and the number of dots fired simultaneously. --- ### 4. Interface Pinout Logic Most LU980C-R models utilize a standard 24V 3-pin power connector (DIN style) and a USB Type-B or 10-pin serial header for data logic. ```markdown Typical Logic Flow: 1. Data received via USB/Serial -> 2. Buffer Memory -> 3. Microprocessor converts to Raster -> 4. TPH Drivers fire elements -> 5. Stepper Motor advances paper. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the LU980C-R?
    • ⤷ How do I troubleshoot a 'Paper Out' sensor error on this model?
    • ⤷ Does the LU980C-R support Linux or Android drivers for kiosk integration?