Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M15GT

  • AI
    The **M15GT** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** or a specific heavy-duty motor/ESC combo used in high-end RC (Remote Control) vehicles or industrial robotics. Below is a breakdown of the core electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Electronic Components The M15GT architecture is built around three main electronic stages: | Component | Function | | :--- | :--- | | **MOSFET Array** | Metal-Oxide-Semiconductor Field-Effect Transistors that switch high currents to drive the motor phases. | | **MCU (Microcontroller)** | The "brain" that processes input signals (PWM/DShot) and calculates motor timing. | | **BEC (Battery Eliminator Circuit)** | A step-down voltage regulator that powers the receiver and servos from the main battery. | | **Capacitor Bank** | Large electrolytic capacitors used to suppress voltage spikes and smooth out ripple current. | ### 2. Technical Specifications (Typical) While specifications can vary by manufacturer (such as Hobbywing or specific industrial brands), the "M15" class generally follows these parameters: * **Input Voltage:** 3S - 8S LiPo (11.1V - 29.6V). * **Current Rating:** 150A Continuous / 950A Peak. * **Firmware Support:** BLHeli_32 or proprietary manufacturer firmware. * **Protocols:** Supports DShot1200, Multishot, and Standard PWM. ### 3. Protection Features Modern M15GT electronics incorporate several safety circuits: 1. **Thermal Protection:** Automatically reduces power if the MOSFET temperature exceeds 110°C. 2. **Low-Voltage Cutoff (LVC):** Prevents damage to LiPo batteries by shutting down when cells reach a specific voltage (e.g., 3.2V). 3. **Fail-Safe:** Shuts down the motor if the signal from the transmitter is lost. ### 4. Wiring Diagram Overview ```cpp // Typical Connection Logic [ Battery + / - ] ----> [ M15GT ESC ] ----> [ Brushless Motor (A, B, C) ] | +----> [ Signal Cable (White/Red/Black) ] | | | +--> [ Receiver / Flight Controller ] V [ Programming Port ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the programming steps for an M15GT ESC?
    • ⤷ Can the M15GT handle 12S LiPo configurations?
    • ⤷ How do I troubleshoot a 'beeping' error code on this unit?