Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M24C01-RBN6TP/G

  • AI
    ## M24C01-RBN6TP/G: Technical Overview The **M24C01-RBN6TP/G** is a low-power, 1-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile parameter storage in consumer and industrial electronics. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz | | **Package Type** | PDIP8 (Plastic Dual In-line Package) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device operates as a slave in the I²C protocol. It is organized as 128 bytes of 8 bits each. #### Hardware Features: * **Byte and Page Write:** Allows writing a single byte or a page of up to 16 bytes at once. * **Random and Sequential Read:** Supports reading from a specific address or reading the entire memory sequentially. * **Write Protection (WP):** A dedicated pin that, when connected to $V_{CC}$, protects the entire memory contents from being overwritten. * **Schmitt Trigger Inputs:** Used for noise filtering on the SCL and SDA lines to ensure stable communication. --- ### 3. Pin Configuration (PDIP8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | Chip Enable (Address) inputs | | 4 | $V_{SS}$ | Ground | | 5 | SDA | Serial Data | | 6 | SCL | Serial Clock | | 7 | WC | Write Control (Write Protect) | | 8 | $V_{CC}$ | Supply Voltage | --- ### 4. Part Number Breakdown: M24C01-RBN6TP/G To understand the specific variant, we decode the suffix: * **M24**: I²C serial access EEPROM. * **C01**: 1 Kbit density. * **-R**: Range of operating voltage (1.8V to 5.5V). * **BN**: PDIP8 package (ECOPACK2 compliant). * **6**: Industrial temperature range (-40°C to 85°C). * **TP/G**: Specific internal manufacturing processes and packaging (Tape & Reel/Green). --- ### 5. Common Applications * **Consumer Electronics:** Storing user preferences in TVs or audio systems. * **Networking:** Storing MAC addresses and configuration data in routers. * **Industrial:** Storing calibration constants and device identification numbers.
    ✨ Follow-up Questions
    • ⤷ How does the Write Control (WC) pin behave if left unconnected?
    • ⤷ What are the timing requirements for the I2C Start and Stop conditions for this chip?
    • ⤷ Can this EEPROM be used with a 3.3V microcontroller?