AI

## M24C16-RBN6TP: Electronic Specifications and Overview
The **M24C16-RBN6TP** is a 16-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile parameter storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 bytes) |
| **Memory Organization** | 2048 x 8 bits (split into 8 blocks of 256 bytes) |
| **Interface** | I²C Serial (2-wire) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | PDIP8 (Plastic Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles (Endurance)** | 1 Million write cycles (minimum) |
| **Data Retention** | 40 Years (minimum) |
---
### 2. Pin Configuration
The M24C16-RBN6TP typically follows the standard 8-pin EEPROM pinout:
1. **E0, E1, E2 (Chip Enable):** These are physically present but, for the 16-Kbit version, they are "Don't Care" (NC) because the internal addressing uses these bits to select memory blocks.
2. **Vss:** Ground.
3. **SDA (Serial Data):** Bidirectional pin used to transfer data in and out.
4. **SCL (Serial Clock):** Used to synchronize data transfer.
5. **WC (Write Control):** Hardware write protection. If connected to Vcc, write operations are inhibited. If connected to Vss, write operations are allowed.
6. **Vcc:** Power supply.
---
### 3. Core Functional Features
* **Byte and Page Write:** Supports writing a single byte or a page of up to 16 bytes.
* **Random and Sequential Read:** Allows reading from a specific address or streaming data sequentially across the entire memory.
* **Internal Addressing:** The 16-Kbit memory is organized into 8 blocks of 256 bytes each. The device address (sent via I²C) includes 3 bits that act as the high-order address bits to select one of these 8 blocks.
* **Low Power Consumption:**
* Active Read Current: < 1 mA
* Standby Current: < 1 µA (at 1.8V)
---
### 4. Part Number Breakdown: M24C16-RBN6TP
| Code Segment | Meaning |
| :--- | :--- |
| **M24** | I²C Serial Access EEPROM |
| **C16** | 16 Kbit capacity |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **BN** | Package: PDIP8 (Plastic Dual In-line) |
| **6** | Temperature Grade: Industrial (-40°C to 85°C) |
| **TP** | Tape & Reel Packing (though BN usually implies Tube) |
---
### 5. Common Applications
* **Device Configuration:** Storing MAC addresses, serial numbers, or calibration data.
* **User Settings:** Saving volume levels, brightness, or last-used states in appliances.
* **Data Logging:** Storing small amounts of sensor data over time.
---
- ⤷
How does the Write Control (WC) pin differ from software write protection?
- ⤷ Can I use this chip with a 3.3V microcontroller like an ESP32 or Arduino?
- ⤷ What is the difference between the M24C16-R and the M24C16-W models?