Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M24C32-RBN6TP

  • AI
    ## Technical Overview of M24C32-RBN6TP The **M24C32-RBN6TP** is a high-performance, 32-Kbit serial I²C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is commonly used for parameter storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes × 8 bits) | | **Interface** | I²C Serial (Two-Wire) | | **Clock Frequency** | 400 kHz (Standard I²C) / 1 MHz (Fast Mode Plus) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | PDIP8 (Plastic Dual In-line Package) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | Over 200 years | --- ### 2. Functional Components The internal architecture of the M24C32-RBN6TP consists of several functional blocks: 1. **Memory Array:** Organized as 4,096 bytes of 8 bits each. It is divided into **pages of 32 bytes** for efficient writing. 2. **I²C Interface Logic:** Manages the communication protocols, including START/STOP conditions, device addressing, and data acknowledgment. 3. **Control Logic:** Handles the internal high-voltage generation required for programming (writing) the EEPROM cells. 4. **Write Protect (WC):** A hardware pin that, when pulled high, prevents write operations to the entire memory array to protect data integrity. --- ### 3. Pin Configuration The device typically follows the standard 8-pin EEPROM pinout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | **Chip Enable inputs:** Used to set the unique I²C address (allows up to 8 devices on the same bus). | | 4 | Vss | **Ground.** | | 5 | SDA | **Serial Data:** Bidirectional pin used to transfer data in and out. | | 6 | SCL | **Serial Clock:** Used to synchronize data movements. | | 7 | WC | **Write Control:** Hardware protection (Active High). | | 8 | Vcc | **Supply Voltage.** | --- ### 4. Implementation Example (Microcontroller Hookup) To interface this chip with a microcontroller like an Arduino or ESP32, you would typically use the following wiring logic: ```cpp // Basic I2C Address for M24C32 (assuming E0, E1, E2 are grounded) #define M24C32_ADDRESS 0x50 // Example: Writing a byte to memory address 0x0000 void writeEEPROM(uint16_t memAddress, uint8_t data) { Wire.beginTransmission(M24C32_ADDRESS); Wire.write((int)(memAddress >> 8)); // MSB of memory address Wire.write((int)(memAddress & 0xFF)); // LSB of memory address Wire.write(data); // Data byte Wire.endTransmission(); delay(5); // Internal write cycle time (~5ms) } ``` --- ### 5. Part Number Breakdown: M24C32-RBN6TP * **M24:** I²C family of EEPROMs. * **C32:** 32-Kbit density. * **-R:** Operating voltage range (1.8V to 5.5V). * **BN:** PDIP8 package. * **6:** Industrial temperature range (-40°C to 85°C). * **TP:** Tape and Reel packaging (though PDIP is usually tubes, TP refers to specific shipping formats).
    ✨ Follow-up Questions
    • ⤷ How does the Write Control (WC) pin prevent accidental data loss?
    • ⤷ What are the advantages of using 32-byte page writing over byte-by-byte writing?
    • ⤷ Can I connect multiple M24C32 chips to the same I2C bus
    • ⤷ and how?