Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2ADS-222-R

  • AI
    ### Overview of the M2ADS-222-R The **M2ADS-222-R** is a specific model within the series of industrial-grade **Solid State Drives (SSD)**, typically manufactured by companies like **Innodisk**. It is designed for embedded systems, industrial automation, and server applications where high reliability and a compact form factor are required. --- ### Technical Specifications The electronic architecture of this component is based on the **M.2 2242** form factor and uses the **SATA III** interface. Below are the primary technical details: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (B-M Key) | | **Interface** | SATA III 6.0 Gb/s | | **Flash Type** | MLC (Multi-Level Cell) or iSLC (Industrial SLC) | | **Capacity Range** | 8GB to 256GB (model dependent) | | **Operating Voltage** | 3.3V ± 5% | | **Dimensions** | 22.0mm x 42.0mm x 3.5mm | | **MTBF** | > 3,000,000 hours | --- ### Key Electronic Components The "Electronic Parts" of the M2ADS-222-R consist of three main functional blocks: #### 1. The Controller The brain of the SSD. It manages data placement, error correction, and the interface between the host computer and the NAND flash. * **Wear Leveling:** Ensures data is written evenly across cells to prevent premature failure. * **Bad Block Management:** Identifies and bypasses physically damaged sectors. #### 2. NAND Flash Memory This is where the data is stored. The "222" designation often refers to specific NAND configurations. * **Non-Volatile:** Retains data without a power source. * **Reliability:** Industrial versions often feature higher P/E (Program/Erase) cycles than consumer-grade drives. #### 3. Power Management Circuitry Since these are used in industrial settings, the electronic design includes: * **Voltage Regulators:** Converts the 3.3V input to the specific voltages required by the controller and flash. * **Power-on Reset (POR):** Protects data integrity during sudden power fluctuations. * **Optional iData Guard:** A hardware-based power loss protection mechanism that ensures the last command is completed before shutdown. --- ### Pinout Configuration (M.2 SATA) The M2ADS-222-R uses the **B+M Key** notch system to ensure compatibility with various M.2 slots. | Pin Groups | Function | | :--- | :--- | | **1 - 11** | Ground and Power (3.3V) | | **12 - 19** | Not Used / Reserved | | **20 - 39** | Configuration Pins and Interface Signaling | | **40 - 49** | SATA Differential Pairs (TX+/TX-, RX+/RX-) | | **70 - 75** | Ground and Power | --- ### Environmental & Reliability Features * **Thermal Sensor:** Monitors the electronic temperature to trigger throttling if the device overheats. * **Conformal Coating (Optional):** A chemical layer applied to the electronics to protect against moisture, dust, and chemicals. * **Vibration Resistance:** Designed to withstand high G-forces common in industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What are the specific performance speeds (Read/Write) for the M2ADS-222-R?
    • ⤷ Is the M2ADS-222-R compatible with NVMe slots
    • ⤷ or only SATA?
    • ⤷ Does this model support AES 256-bit hardware encryption?