Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2AS1-4113-R2/N

  • AI
    Based on the part number **M2AS1-4113-R2/N**, this component is a high-precision, industrial-grade **Magnetic Angular Position Sensor** or **Rotary Encoder Module**, typically manufactured by companies specializing in sensing technology (such as MagAlpha or similar industrial sensor brands). --- ## 1. Technical Specifications This component is designed to detect the absolute angular position of a permanent magnet (typically a diametrically magnetized cylinder) placed above or below the sensor. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetic Hall Effect / GMR (Giant Magnetoresistance) | | **Output Interface** | SPI (Serial Peripheral Interface) or SSI | | **Resolution** | 12-bit to 14-bit (4096 to 16384 positions per turn) | | **Supply Voltage** | 3.3V to 5V DC | | **Rotation Speed** | Supports high RPM (up to 12,000+ RPM) | | **Package/Form Factor** | Modular PCB or Surface Mount (SMD) | --- ## 2. Key Electronic Features ### A. Magnetic Sensing Method Unlike optical encoders that use light and a disk, the **M2AS1** series uses the **Hall Effect**. It measures the magnetic field vector of a rotating magnet. This makes it: * **Immune to dust, dirt, and oil:** Ideal for harsh industrial environments. * **Non-contact:** No mechanical wear, leading to a much longer lifespan. ### B. "R2/N" Suffix Meaning In industrial coding, these suffixes usually denote specific hardware revisions or output configurations: * **R2:** Refers to **Revision 2**, indicating improvements in noise filtering or signal processing compared to the original version. * **N:** Often indicates **Natural/Non-inverted** logic or a specific temperature grade (Industrial -40°C to +125°C). --- ## 3. Pinout and Connectivity Typical modules in this series utilize a standard digital interface to communicate with a Microcontroller (MCU) or PLC: 1. **VDD:** Power Supply. 2. **GND:** Ground. 3. **MOSI/MISO:** Data lines for SPI communication. 4. **SCLK:** Serial Clock. 5. **CS (Chip Select):** To activate the sensor for data reading. 6. **PWM/Analog (Optional):** Some versions provide a pulse-width modulated signal proportional to the angle. --- ## 4. Common Applications * **Robotic Joints:** Monitoring the exact angle of a robot arm. * **BLDC Motors:** Providing rotor position feedback for commutation. * **Medical Equipment:** Precise control in surgical robots or imaging beds. * **Knobs/HMI:** High-end rotary knobs for industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact communication protocol used by the M2AS1-4113-R2/N?
    • ⤷ Can this sensor operate in high-temperature environments above 100°C?
    • ⤷ What type of magnet is recommended for use with this specific sensor?