Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2AS1-5343-R

  • AI
    The **M2AS1-5343-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Inductor** or a **Power Choke**, often used in automotive or industrial power management applications. Below is a breakdown of its technical characteristics and typical role in an electronic circuit. --- ### 1. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Delta Electronics** or specialized magnetic component suppliers), the part number breakdown generally follows this logic: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Inductance Value** | Typically indicated by the middle digits (e.g., 5.3µH or 0.43µH depending on series coding) | | **Tolerance** | Usually ±20% | | **Operating Temp** | -40°C to +125°C (Automotive Grade standard) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | ### 2. Physical Construction The "M2AS" series usually features a high-reliability construction designed to withstand harsh environments: * **Core Material:** Composite metal powder or ferrite core for high saturation current. * **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI) with surrounding components. * **Terminations:** Solder-plated copper leads designed for reflow soldering. ### 3. Key Electronic Functions In a circuit, the M2AS1-5343-R serves several critical roles: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripples in power supply lines to provide clean DC voltage to sensitive ICs. 3. **Current Limiting:** Prevents rapid changes in current, protecting the circuit from spikes. ### 4. Typical Applications * **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and LED lighting modules. * **Industrial Power:** High-efficiency Point-of-Load (POL) converters. * **Consumer Tech:** High-end laptops or servers requiring stable voltage regulation. --- ### Summary Table: Pros and Cons | Feature | Benefit | | :--- | :--- | | **Shielded Design** | Low EMI, ideal for high-density boards. | | **High Saturation** | Handles high current peaks without losing inductance. | | **SMD Package** | Low profile, suitable for automated pick-and-place assembly. |
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 5343 code in this series?
    • ⤷ How does the 'R' suffix affect the soldering process?
    • ⤷ Which manufacturers are the primary suppliers for the M2AS series?