Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2AS1-A242-R2SLASHCE

  • AI
    The part number **M2AS1-A242-R2/CE** typically refers to a **Safety Relay** or an **Emergency Stop Control Module**, often associated with industrial automation brands like *Pilz* or *Bernstein* (though specific prefixes can vary by manufacturer). Based on standard industrial nomenclature for this specific series, here is the breakdown of its electronic components and specifications: --- ## 1. Technical Specifications The device is designed to monitor safety circuits (like E-stops, light curtains, or safety gates) and ensure a controlled shutdown in case of a fault. | Parameter | Details | | :--- | :--- | | **Supply Voltage** | 24V AC/DC (Standard for the -A242 suffix) | | **Contact Configuration** | Typically 2 Safety Contacts (NO) and 1 Auxiliary Contact (NC) | | **Switching Capacity** | Usually 6A at 230V AC / 24V DC | | **Response Time** | < 20ms to 50ms | | **Safety Category** | Up to Category 4 / PLe (ISO 13849-1) | | **Housing Material** | Polyamide PA6.6 (Din-rail mountable) | --- ## 2. Key Electronic Components ### A. Internal Logic (Redundancy) The core of the unit contains **Dual-channel monitoring**. The internal circuit uses two independent relays that must both activate for the safety output to close. If one relay fails (e.g., contacts weld), the device prevents a restart. ### B. Feedback Loop (S11/S12, S21/S22) The electronic terminals are categorized for specific functions: * **S11/S12:** Channel 1 monitoring loop. * **S21/S22:** Channel 2 monitoring loop. * **Reset/Start:** Input for manual or automatic monitored start. ### C. Output Relays Equipped with **Force-guided (mechanically linked) contacts**. These ensure that if a Normally Open (NO) contact sticks, the Normally Closed (NC) contact cannot move, allowing the safety system to detect the mechanical failure. ### D. Protection Circuitry * **Varistors/TVS Diodes:** Integrated to protect the internal electronics from voltage spikes and electromagnetic interference (EMI). * **Galvanic Isolation:** Ensures the control logic is electrically separated from the high-load switching side. --- ## 3. Terminal Connection Map (Typical) ```text Power Inputs (E-Stop) Outputs [A1] (+) [S11] --- [S12] [13] -- [14] (Safety 1) [A2] (-) [S21] --- [S22] [23] -- [24] (Safety 2) [S33] --- [S34] [31] -- [32] (Auxiliary) ``` --- ## 4. Certifications The **/CE** suffix confirms the part meets European safety standards: * **EN 60947-5-1:** Low voltage switchgear. * **EN ISO 13849-1:** Safety-related parts of control systems. * **CE Mark:** Compliance with health, safety, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for a dual-channel E-stop using this relay?
    • ⤷ How do I troubleshoot if the 'Power' LED is on but the 'Run' LED is off?
    • ⤷ What are the compatible DIN-rail mounting dimensions for the M2AS1 series?