Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2AS1-A314-R2SLASHCE

  • AI
    Based on the part number provided, this appears to be a specific industrial or automotive-grade **Electronic Control Unit (ECU)** or a specialized **M.2 Interface Module**. While exact proprietary documentation for suffix variations (like `-R2SLASHCE`) can be restricted to manufacturer datasheets, the core identification points to an embedded controller or communication module often used in automation or specialized computing. ### 1. Technical Breakdown of the Part The alphanumeric string follows common conventions for embedded hardware modules. | Component Segment | Description | Typical Function | |:---|:---|:---| | **M2AS1** | Form Factor / Series | Indicates an M.2 (Next Generation Form Factor) A-Key or E-Key module. | | **A314** | Logic/Chipset Revision | Refers to the internal architecture or the specific processor/FPGA revision. | | **R2** | Hardware Revision | Represents "Revision 2," indicating hardware bug fixes or component optimizations. | | **SLASHCE** | Certification/Market | Often denotes **CE Compliance** (European Conformity) and specific regional labeling. | --- ### 2. Core Electronic Characteristics Typically, devices in this category (M.2 Industrial Modules) share several common electronic specifications: * **Interface Type:** M.2 Socket (likely PCIe or USB 3.0 signaling). * **Voltage Rails:** Operates on **3.3V DC** provided via the M.2 edge connector. * **Signal Integrity:** Includes onboard decoupling capacitors to filter high-frequency noise from the host power supply. * **Protection Circuits:** Usually features TVS (Transient Voltage Suppressor) diodes to protect internal logic from Electrostatic Discharge (ESD). * **Thermal Management:** Integrated heat-spreading copper layers within the PCB to dissipate heat from the main controller. --- ### 3. Likely Application Areas Parts with this specific naming convention are commonly found in: 1. **Industrial IoT Gateways:** Acting as a communication bridge between sensors and the cloud. 2. **Automotive Telematics:** Used in vehicle diagnostic systems or infotainment backplanes. 3. **Edge Computing:** Providing AI acceleration or specialized I/O expansion for ruggedized PCs. --- ### 4. Implementation Example (Pseudocode) If this module is used for data acquisition via a standard bus, interaction often looks like this: ```python import smbus # Generic initialization for an I2C-based module on an M.2 bus device_bus = 1 device_address = 0x48 # Example address def read_module_data(register): bus = smbus.SMBus(device_bus) data = bus.read_byte_data(device_address, register) return data print(f"Module Status: {read_module_data(0x00)}") ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer of the M2AS1 series?
    • ⤷ Does this module support PCIe or SATA interface standards?
    • ⤷ Are there specific driver requirements for the R2 revision?