Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2AS1-A344-R

  • AI
    The **M2AS1-A344-R** is a specific part number typically associated with high-performance networking components, specifically **SFP+ (Small Form-factor Pluggable) Optical Transceivers**. These modules are used to interface network hardware (like switches or routers) to fiber optic or copper networking cables. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (Gigabit per second) | | **Wavelength** | 850 nm (Typical for Multi-Mode Fiber) | | **Media Type** | Multi-Mode Fiber (MMF) | | **Connector** | Duplex LC | | **Distance** | Up to 300m (on OM3 fiber) | | **Voltage Supply** | 3.3V | --- ### 2. Key Electronic Components The internal architecture of the M2AS1-A344-R consists of several critical electronic sub-assemblies: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Usually contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser). It converts electrical signals from the host board into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier). It detects incoming light pulses and converts them back into electrical currents. #### B. Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA by modulating the current to represent data bits. * **Limiting Amplifier:** Processes the signal from the ROSA to ensure a clean, digital output to the host system. * **EEPROM:** Stores identification data, serial numbers, and vendor information (used by the switch to recognize the module). #### C. DDM (Digital Diagnostic Monitoring) The "-R" suffix often indicates compliance with **SFF-8472**, which allows the host system to monitor real-time parameters such as: 1. **Supply Voltage** 2. **Transceiver Temperature** 3. **Laser Bias Current** 4. **Transmit Optical Power** 5. **Receive Optical Power** --- ### 3. Physical Interface The module features a **20-pin gold-finger connector** that plugs into the SFP+ slot. The pinout includes: * **VeeT / VeeR:** Grounding for transmitter and receiver. * **TD+ / TD-:** Differential transmit data lines. * **RD+ / RD-:** Differential receive data lines. * **SDA / SCL:** 2-wire serial interface for management and DDM. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between SFP and SFP+ modules?
    • ⤷ How do I troubleshoot a 'Module Not Recognized' error with this part?
    • ⤷ Does this module support DOM (Digital Optical Monitoring)?