M2AVS-D136-R
AI

The **M2AVS-D136-R** is an **Aluminum Electrolytic Capacitor** produced by manufacturers like **Lelon** (a prominent supplier for this specific series). It is designed for Surface Mount (SMD) applications, specifically within the "AVS" series which targets general-purpose requirements with a vertical chip configuration.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 100 µF (Microfarads) |
| **Rated Voltage** | 50V DC |
| **Series** | AVS (Standard/General Purpose) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Configuration** | V-Chip (Vertical Chip) |
| **Tolerance** | ±20% |
| **Operating Temp** | -40°C to +85°C |
| **Endurance** | 2,000 hours at 85°C |
---
## 2. Part Number Breakdown
The nomenclature usually follows a specific coding logic:
* **M2**: Often a manufacturer-specific prefix for packaging or series variation.
* **AVS**: The series name (Standard vertical chip type).
* **D**: Diameter code (usually correlates to 6.3mm or 8mm depending on the vendor's chart).
* **136**: This is the capacitance code. `13` represents the value, and `6` is the multiplier (though in standard Lelon coding, `101` would be 100µF; `136` may represent a specific internal production batch or a non-standard coding variation for 100µF 50V).
* **R**: Indicates "RoHS Compliant" and typically refers to Reel packaging.
---
## 3. Key Features & Applications
### Key Features
* **Space-saving:** The vertical chip design (V-chip) allows for high-density mounting on PCBs.
* **Reflow Soldering:** Designed to withstand the high temperatures of automated reflow soldering processes.
* **Polarized:** Like all electrolytic capacitors, it has a positive and negative terminal that must be oriented correctly.
### Typical Applications
* **Consumer Electronics:** Power supply filtering in TVs, Monitors, and Audio equipment.
* **Industrial:** Control boards and bypass circuits.
* **DC-DC Converters:** Smoothing output voltage and reducing ripple current.
---
## 4. Physical Dimensions (Reference)
For a 100µF/50V AVS series capacitor, the dimensions are typically:
* **Diameter (ØD):** ~6.3 mm to 8.0 mm
* **Height (L):** ~7.7 mm
---
- ⤷
What is the ripple current rating for the M2AVS-D136-R?
- ⤷ Can this capacitor be used in automotive applications?
- ⤷ What are the footprint dimensions for the PCB layout?