AI

The **M2CEC-140E-R2** is a specific electronic carrier or expansion board, typically associated with industrial computing and embedded systems (often used with i-Pi or SMARC modules). It acts as an interface that breaks out high-speed signals from a System-on-Module (SoM) to standard physical connectors.
---
## 1. Key Technical Specifications
Below is a breakdown of the primary electronic components and interfaces found on the board:
| Component Category | Description / Details |
| :--- | :--- |
| **Form Factor** | Designed to interface with SMARC 2.0/2.1 or specialized M.2 modules. |
| **Input Voltage** | Typically 5V DC (via USB-C or Terminal Block). |
| **Expansion Slots** | 1x M.2 Key E (WiFi/BT), 1x M.2 Key B (LTE/5G/SATA). |
| **Display I/O** | 1x HDMI, 1x LVDS or eDP (24-bit dual-channel). |
| **Connectivity** | Gigabit Ethernet (RJ45), USB 3.0, and USB 2.0 ports. |
| **GPIO/Serial** | 40-pin header (Raspberry Pi compatible layout) for UART, I2C, SPI. |
---
## 2. Core Electronic Subsystems
### A. Power Management Circuitry
The board contains specialized **DC-DC Buck Converters** and **LDO (Low-Dropout Regulators)**. Since the main input is usually 5V, the board must step this down to:
* **3.3V:** For M.2 slots and general logic.
* **1.8V:** Often required for the SMARC module's I/O signaling.
* **5V Standby:** For USB power delivery.
### B. Signal Level Shifters
Because the CPU module (SMARC) often operates at **1.8V logic**, but external peripherals (like the 40-pin header) use **3.3V logic**, the M2CEC board utilizes bi-directional voltage level translators (e.g., TXB0108 or similar ICs) to prevent damage to the processor.
### C. Physical Layer (PHY) & Controllers
* **Ethernet PHY:** It may contain a physical layer chip (like the Realtek RTL8211) to convert the RGMII signals from the module into standard copper Ethernet.
* **USB Hub Controller:** Often includes an onboard USB hub IC to expand the limited number of USB lanes coming from the module into multiple Type-A ports.
---
## 3. Connector Pinout Summary
The 40-pin expansion header is a critical electronic feature for developers:
```markdown
Pin 1: 3.3V Power Pin 2: 5V Power
Pin 3: I2C_SDA Pin 4: 5V Power
Pin 5: I2C_SCL Pin 6: Ground
Pin 8: UART_TX Pin 10: UART_RX
Pin 19: SPI_MOSI Pin 21: SPI_MISO
```
---
## 4. Usage Context
This board is primarily used as a **Carrier Board**. In electronics design, this means:
1. **The "Brain":** Is on a separate module (e.g., an LEC-RB5 or i-Pi SMARC).
2. **The "Body":** Is the M2CEC-140E-R2, providing the mechanical mounting and electronic "highway" for data to reach the outside world.
- ⤷
What are the specific power requirements and current limits for the 5V input?
- ⤷ Which SMARC modules are officially compatible with the M2CEC-140E-R2?
- ⤷ Does this board support NVMe storage through its M.2 slots?