M2CEC-240E-R
AI

The **M2CEC-240E-R** is a specific technical component typically associated with industrial automation and control systems, specifically within the **M-System (now MG CO., LTD.)** M2 Series. It is an **Isolator (Signal Conditioner)** designed to convert and isolate DC input signals.
Below is a breakdown of its electronic specifications and functions.
---
### 1. Component Overview
The "M2" series is a line of plug-in signal conditioners known for their high reliability and compact form factor. The specific suffix **240E-R** defines its input/output characteristics and power requirements.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | DC Signal Isolator / Conditioner |
| **Construction** | Plug-in structure (Socket-mounted) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal** | 4 – 20 mA DC |
| **Power Supply** | 24V DC (indicated by the "-R" suffix) |
---
### 2. Key Electronic Parameters
The internal circuitry is designed to protect sensitive control systems (like a PLC or DCS) from electrical noise, ground loops, and surges.
* **Isolation Strength:** Usually rated at 2000V AC for 1 minute (Input to Output to Power to Ground).
* **Response Time:** Approximately 0.5 seconds (0 to 90%).
* **Accuracy:** $\pm 0.1\%$ of span.
* **Temperature Coefficient:** $\pm 0.015\% / ^\circ\text{C}$ of max. span.
* **Load Resistance:** The output can typically drive up to $550 \Omega$.
---
### 3. Wiring and Terminal Logic
The unit typically uses a **M3.5 screw terminal** base. While you should always consult the specific wiring diagram on the side of the module, the standard pinout for this series is:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1** | Output (+) | Positive DC Signal out |
| **2** | Output (-) | Negative DC Signal out |
| **4** | Input (+) | Positive DC Signal in |
| **5** | Input (-) | Negative DC Signal in |
| **7** | Power (+) | +24V DC Supply |
| **8** | Power (-) | 0V DC (Common) |
---
### 4. Core Functions
1. **Ground Loop Elimination:** By providing galvanic isolation, it prevents circulating currents caused by differences in ground potential between the field instrument and the control room.
2. **Signal Conversion:** It acts as a buffer to ensure that the 4-20mA loop remains stable even if the load impedance changes.
3. **Equipment Protection:** It protects expensive PLC/DCS input cards from high-voltage transients originating in the field.
---
- ⤷
What is the maximum load resistance the M2CEC-240E-R can handle?
- ⤷ How do I troubleshoot a zero-point deviation in this isolator?
- ⤷ What are the environmental operating temperature limits for the M2 series?