Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2REB-RBC-R/N

  • AI
    Based on the part number **M2REB-RBC-R/N**, this appears to be a specific configuration of a **Brushless DC (BLDC) Motor and Driver package**, typically manufactured by companies like **Oriental Motor** (from the BLE2 Series). Below is a breakdown of the electronic components and technical specifications associated with this system. --- ### 1. Component Breakdown The system consists of two primary electronic units working in tandem: | Component | Description | Function | | :--- | :--- | :--- | | **Motor (M2REB)** | High-efficiency Brushless DC Motor | Converts electrical energy into mechanical rotation using permanent magnets. | | **Driver (RBC-R/N)** | Electronic Controller | Manages power distribution, speed regulation, and logic signals. | --- ### 2. Technical Specifications These parts are designed for precision speed control and high torque-to-weight ratios. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | DC 24V / 48V (depending on exact sub-series) | | **Rated Output** | 30W - 120W (common for this frame size) | | **Speed Range** | 80 to 4000 r/min | | **Control Interface** | I/O (Digital) or RS-485 Communication | | **Feedback System** | Built-in Hall Effect Sensors | --- ### 3. Key Electronic Features #### A. The Driver (RBC-R/N) The "R/N" suffix usually denotes the logic type or communication protocol: * **Speed Control:** Uses Pulse Width Modulation (PWM) to adjust motor speed while maintaining torque. * **Protection Circuits:** Includes Overvoltage, Undervoltage, Overcurrent, and Thermal protection. * **I/O Terminals:** Provides "Run/Stop," "Direction," and "Alarm Reset" inputs, along with "Speed Output" (pulse) for monitoring. #### B. The Motor (M2REB) * **Brushless Design:** Unlike brushed motors, this uses electronic commutation, which eliminates spark noise and physical wear on brushes. * **Rotor/Stator:** Features high-grade permanent magnets on the rotor and a 3-phase winding on the stator. * **Sensors:** Contains internal Hall sensors that send rotor position data back to the driver for synchronized switching. --- ### 4. Typical Wiring/Pinout Architecture The connection between the motor and driver usually involves two sets of wires: 1. **Power Lines:** 3 wires (U, V, W phases) that carry high current to drive the motor. 2. **Sensor Lines:** 5 wires (Vcc, Ground, and 3 Hall signals) used for feedback and positioning. --- ### 5. Application Use Cases Due to the electronic efficiency of the **M2REB-RBC-R/N**, it is commonly used in: * **Conveyor Systems:** For consistent speed under varying loads. * **Medical Equipment:** Where low electrical noise and high reliability are required. * **Packaging Machinery:** For high-speed, repeatable start/stop cycles.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and N versions of this driver?
    • ⤷ How do I wire the Hall sensors to the RBC controller?
    • ⤷ Can this motor system be controlled via PLC?