Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2RT-51-R2

  • AI
    The **M2RT-51-R2** is a specialized electronic component primarily categorized as an **Optical Interface Module** or a **Fiber Optic Receiver/Transmitter** part, often associated with industrial communication systems or specific networking hardware. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. General Specifications This part is typically used in industrial automation for high-speed data transmission over fiber optic cables, ensuring immunity to electromagnetic interference (EMI). | Feature | Description | | :--- | :--- | | **Component Type** | Optical Receiver / Transceiver Module | | **Interface** | Fiber Optic (often ST or SC connector types) | | **Supply Voltage** | Usually 5V DC (standard for TTL logic) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Signal Type** | Digital / TTL Compatible | --- ### 2. Core Electronic Parts & Internals The internal circuitry of a module like the M2RT-51-R2 consists of several critical sub-components: #### A. Photo-Detector (Receiver Side) * **Function:** Converts incoming light pulses from the fiber optic cable into electrical current. * **Part Type:** Usually a **PIN Photodiode** or an **APD (Avalanche Photodiode)** for high sensitivity. #### B. Transimpedance Amplifier (TIA) * **Function:** Because the current from the photodiode is very weak, the TIA converts this current into a measurable voltage. * **Role:** It acts as the primary gain stage to prepare the signal for digital processing. #### C. Quantizer / Limiting Amplifier * **Function:** This part "squares up" the analog wave from the TIA into a clean digital (square wave) signal. * **Output:** Standard TTL or CMOS logic levels. #### D. Decoupling Capacitors * **Function:** Internal SMD capacitors are used to filter power supply noise, which is critical in optical components to prevent "jitter" in the data stream. --- ### 3. Application Use-Case The M2RT-51-R2 is commonly found in: 1. **CNC Machines:** Providing noise-free communication between the controller and the motor drives. 2. **Power Substations:** Data transmission in high-voltage environments where copper wiring would fail due to EMI. 3. **Medical Imaging:** Transferring high-bandwidth data in MRI or X-ray environments. --- ### 4. Technical Summary Block ```json { "Part_Number": "M2RT-51-R2", "Category": "Optoelectronics", "Sub-Category": "Fiber Optic Receivers", "Logic_Level": "TTL", "Housing": "Shielded Metal/Plastic" } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate supported by the M2RT-51-R2?
    • ⤷ Is the M2RT-51-R2 compatible with single-mode or multi-mode fiber?
    • ⤷ What are the pinout configurations for this specific module?