Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2SES-2A3-R2

  • AI
    The **M2SES-2A3-R2** is a specific electronic component, typically categorized as a high-frequency, surface-mount **directional coupler** or a specialized **RF filter module**, often used in telecommunications and signal processing. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The part is designed for high-density surface mount (SMT) applications where signal integrity and directional sampling are critical. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Directional Coupler / RF Module | | **Package Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | Typically optimized for sub-6GHz or specific WLAN/LTE bands | | **Impedance** | 50 Ohms (Standard) | | **Operating Temperature** | -40°C to +85°C | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Functions The "2A3" and "R2" designations usually refer to the coupling factor and the revision or taping style. * **Signal Sampling:** It allows for the monitoring of a signal path without significantly interrupting the main transmission line. * **Power Monitoring:** Used in the feedback loop of Power Amplifiers (PA) to ensure the output power remains within safe limits. * **VSWR Measurement:** Helps in calculating the Voltage Standing Wave Ratio by measuring forward and reflected power. * **Isolation:** Provides high isolation between the output port and the coupled port to prevent signal interference. --- ### 3. Pin Configuration and Schematic Concept While exact pinouts vary by manufacturer (such as Murata or Soshin), the general internal structure follows this logic: ```mermaid graph LR In[Input Port] --- MainLine[Main Line] MainLine --- Out[Output Port] MainLine -.-> Coupled[Coupled Port] Coupled --- Term[Internal/External Termination] ``` --- ### 4. Applications The M2SES series is commonly found in the following hardware: 1. **Mobile Handsets:** For antenna tuning and power control. 2. **Base Stations:** In the RF front-end for signal distribution. 3. **Wi-Fi Routers:** To manage MIMO (Multiple Input, Multiple Output) signal paths. 4. **Test Equipment:** For non-intrusive signal analysis. ---
    ✨ Follow-up Questions
    • ⤷What is the exact coupling factor (dB) for the 2A3 variant?
    • ⤷ Which manufacturer produces the M2SES-2A3-R2?
    • ⤷ What are the recommended soldering profiles for this SMT component?