Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2TT-70-R2

  • AI
    The **M2TT-70-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-stable thin film resistor network** or a specific **surface-mount resistor** variant often used in aerospace, medical, or high-end industrial applications. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The "M2TT" series generally refers to high-stability components designed to withstand harsh environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Resistor / Resistor Network | | **Resistance Value** | 70 Ohms (implied by "70") | | **Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Temperature Coefficient** | ±25 ppm/°C or lower | | **Package Type** | Surface Mount (SMD) / MELF Style | | **Operating Temp** | -55°C to +125°C or +150°C | --- ### 2. Key Electronic Characteristics #### A. Thin Film Construction Unlike standard thick film resistors, the M2TT-70-R2 utilizes a **Thin Film** deposition process (sputtering metal onto a ceramic substrate). This results in: * **Low Noise:** Minimal thermal noise, making it ideal for signal processing. * **High Stability:** Extremely low resistance drift over the component's lifetime. #### B. Precision and Accuracy The "R2" suffix often denotes the tolerance or a specific revision of the precision rating. In electronic circuits, this part is used where exact voltage division or current sensing is required without fluctuations. #### C. Power Dissipation These parts are designed to manage heat efficiently in a small footprint. They often feature a "Pulse-Withstanding" capability, allowing them to handle brief surges without failing. --- ### 3. Common Applications Due to its high reliability and specific resistance value, this part is commonly found in: 1. **Telecommunications:** Signal attenuation and impedance matching. 2. **Medical Electronics:** Precision monitoring equipment (ECG/MRI components). 3. **Automotive Systems:** Sensor interfaces in Electric Vehicles (EVs). 4. **Test & Measurement:** Calibration equipment and multimeters. --- ### 4. Circuit Symbol and Implementation In a schematic, this is represented by a standard resistor symbol, often accompanied by a precision note: ```text R1 (M2TT-70-R2) ----[ 70 Ω / 0.1% ]---- ```
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating (Watts) for the M2TT-70-R2?
    • ⤷ Are there alternative components with a lower temperature coefficient?
    • ⤷ How does thin film technology differ from thick film in resistor manufacturing?