Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2TT-82-R

  • AI
    The **M2TT-82-R** is a specific part number typically associated with high-performance **RF/Microwave components**, specifically a **SPDT (Single Pole Double Throw) Reflective Pin Diode Switch**. These parts are engineered for high-frequency applications where rapid switching and low signal loss are critical. --- ### 1. Technical Specifications Below are the general technical parameters typical for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Operating Mode** | Reflective | | **Frequency Range** | 2.0 GHz to 18.0 GHz (Broadband) | | **Insertion Loss** | ~2.5 dB to 3.0 dB | | **Isolation** | 60 dB minimum | | **Switching Speed** | < 100 ns (Nanoseconds) | | **Power Handling** | +20 dBm to +30 dBm (CW) | | **Control Logic** | TTL Compatible | --- ### 2. Key Electronic Features #### A. PIN Diode Technology Unlike mechanical switches, the M2TT-82-R uses PIN diodes. This allows for: * **High Speed:** Switching occurs in nanoseconds rather than milliseconds. * **Longevity:** No moving parts means a significantly higher lifecycle (billions of cycles). #### B. Reflective Design In a **Reflective** switch, when a port is "OFF," the RF energy is reflected back toward the source rather than being absorbed by an internal load. This is ideal for applications where the reflected power will not damage the preceding stage. #### C. Integrated Driver The "R" suffix and the "M2TT" series usually imply an **integrated TTL driver**. This simplifies the circuit design, as you can toggle the switch using standard digital logic signals (0V or 5V) rather than managing complex bias currents manually. --- ### 3. Application Use-Cases This part is commonly found in sophisticated electronic systems: 1. **Radar Systems:** Used for fast switching between transmit and receive modes. 2. **Electronic Warfare (EW):** Employed in signal jamming or frequency hopping modules. 3. **Laboratory Equipment:** Integrated into signal generators and spectrum analyzers for path routing. 4. **Telecommunications:** High-speed data routing in microwave backhaul equipment. --- ### 4. Physical and Environmental * **Housing:** Often comes in a small, hermetically sealed "drop-in" or "connectorized" (SMA) package. * **Temperature Range:** Usually rated for military or industrial grades (-55°C to +85°C).
    ✨ Follow-up Questions
    • ⤷What is the difference between a reflective and an absorptive switch in RF design?
    • ⤷ How do I calculate the power handling requirements for a PIN diode switch?
    • ⤷ What are the pinout configurations for the TTL control on the M2TT series?