Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2UDS-160-R

  • AI
    The **M2UDS-160-R** is a specific model within the series of **Mechanical Multi-Limit Switches** (often referred to as position switches or cam switches). These devices are commonly used in industrial automation to detect the position of moving machinery. --- ### 1. Technical Specifications The "160" typically refers to the housing size or the spacing of the plungers, while the "R" often denotes specific contact arrangements or roller-type plungers. | Feature | Description | | :--- | :--- | | **Component Type** | Multi-limit Mechanical Switch | | **Switching Element** | Snap-action or Slow-action contacts | | **Actuator Type** | Roller Plunger (indicated by the 'R') | | **Housing Material** | Die-cast Aluminum (Heavy Duty) | | **Protection Rating** | IP67 (Dust tight and waterproof) | | **Ambient Temperature** | -5°C to +80°C (standard range) | --- ### 2. Internal Electronic/Electrical Components While the device is mechanical, its internal electrical structure consists of several critical parts: #### A. Contact Blocks These are the core electrical components. They typically feature: * **Silver-Nickel (AgNi) Contacts:** Used for high conductivity and durability. * **Configuration:** Usually 1 NO (Normally Open) + 1 NC (Normally Closed) per station. * **Galvanic Isolation:** High-quality insulation to prevent arcing between adjacent circuits. #### B. Connection Terminals * **Screw Terminals:** Used for securing heavy-gauge industrial wiring. * **Numbering:** Terminals are labeled according to DIN EN 50013 standards (e.g., 11/12 for NC, 23/24 for NO). #### C. Plungers and Springs * **Return Spring:** Ensures the electrical circuit resets once the physical cam moves away. * **Roller Bearings:** The "R" variant uses a hardened steel roller to reduce friction and wear on the actuating cam. --- ### 3. Electrical Ratings In industrial settings, these switches are rated for different load types: ```cpp // Typical Electrical Load Ratings AC-15: 230V / 6A (Control of electromagnetic loads) DC-13: 24V / 3A (Control of solenoids/relays) Insulation Voltage: 250V AC ``` --- ### 4. Typical Applications * **CNC Machine Tools:** Detecting the "Home" position or travel limits of the X/Y/Z axes. * **Automated Warehousing:** Positioning of shuttles or lift platforms. * **Safety Interlocking:** Ensuring a protective gate is closed before a motor starts.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for a 1NO+1NC configuration in this switch?
    • ⤷ What are the maintenance requirements for the roller plungers?
    • ⤷ How does the IP67 rating protect the internal contacts?