Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2UDS-45W-R2

  • AI
    Based on the product code **M2UDS-45W-R2**, this typically refers to a **45-Watt Medical Grade Power Supply Unit (PSU)**, often utilized in healthcare or high-reliability industrial applications. Below is an overview of its electronic components and specifications. --- ### 1. General Specifications The "M2UDS" series is designed for efficiency and safety compliance. | Feature | Specification | | :--- | :--- | | **Output Power** | 45 Watts | | **Input Voltage Range** | 90 ~ 264 VAC (Universal Input) | | **Output Type** | Single or Multiple DC Rails (Model dependent) | | **Safety Standard** | IEC/EN 60601-1 (Medical Certification) | | **Leakage Current** | Low (typically < 100µA) for patient safety | --- ### 2. Key Electronic Components A medical-grade power supply of this type consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filter:** Chokes and X/Y capacitors to suppress electromagnetic interference. * **Fuse & MOV:** A Metal Oxide Varistor (MOV) protects against voltage surges, while the fuse provides over-current protection. * **Bridge Rectifier:** Converts AC input to pulsating DC. #### B. Power Conversion (DC-DC) * **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain steady output voltage. * **Switching MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses. * **Transformer:** Provides galvanic isolation (crucial for medical safety) between the high-voltage AC side and the low-voltage DC side. #### C. Output Rectification & Regulation * **Schottky Diodes:** Used for high-speed rectification on the secondary side. * **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors are used to smooth the DC ripple. * **Optocoupler:** Provides feedback from the output to the input controller while maintaining electrical isolation. --- ### 3. Safety and Design Features The "R2" suffix often denotes a specific **Revision** or **RoHS 2** compliance level. 1. **Isolation Voltage:** Typically rated for 4000VAC between primary and secondary circuits. 2. **Protection Circuits:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. 3. **Cooling:** Usually designed for **Convection Cooling** (no fan required), which is ideal for quiet medical environments and reduces points of mechanical failure. ---
    ✨ Follow-up Questions
    • ⤷ Does this power supply have specific pinout diagrams for the output connector?
    • ⤷ What are the exact output voltage options available for the 45W model?
    • ⤷ Is this unit certified for CF (Cardiac Floating) type medical applications?