Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2UDS-A15-R2SLASHN

  • AI
    The **M2UDS-A15-R2/N** (often stylized with a slash as M2UDS-A15-R2/N) is a specific configuration of a **Digital Indicator** or **Signal Conditioner** from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). This device is primarily used in industrial automation to convert analog signals into digital readouts and provide isolated analog outputs. --- ## 1. Technical Specifications Below are the primary electronic characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Series** | M2 Series (Plug-in Signal Conditioners) | | **Model Function** | Universal Digital Indicator (M2UDS) | | **Input Type** | DC Current or Voltage (Universal/Configurable) | | **Power Input (R2)** | 100 – 240V AC (50/60Hz) | | **Output Type (A)** | 4 – 20mA DC | | **Communication (/N)** | No optional communication (Standard display/output) | | **Display** | 4-digit Red LED | | **Isolation** | Input to Output to Power to Ground | --- ## 2. Component Breakdown The device consists of several critical electronic sub-sections: ### A. Power Supply Unit (R2 Designation) * **Switching Mode Power Supply (SMPS):** Handles a wide range of AC voltage (100-240V). * **Internal Transformer:** Provides galvanic isolation between the power source and the internal logic circuits for safety and noise reduction. ### B. Signal Input Processing * **Analog-to-Digital Converter (ADC):** A high-resolution ADC samples the incoming analog signal (e.g., 0-10V or 4-20mA). * **Signal Conditioning:** Includes filters to remove electromagnetic interference (EMI) and high-frequency noise from the field sensors. ### C. Processing & Display * **Microcontroller (MCU):** The "brain" that scales the input signal into engineering units (e.g., liters, degrees, PSI) based on user-defined parameters. * **LED Driver:** Manages the 4-digit display to show real-time values. ### D. Analog Output (A Designation) * **Digital-to-Analog Converter (DAC):** Converts the processed signal back into a precise 4-20mA current loop. * **Isolation Circuit:** Uses optoisolators to ensure the output circuit is electrically separated from the input and power circuits. --- ## 3. Key Features * **Scaling:** The electronic interface allows the user to set "Zero" and "Span" to correlate the analog signal with the desired display range. * **Plug-in Base:** The unit consists of a terminal base and the electronic module. This allows for the replacement of the electronic parts without disturbing the field wiring. * **Non-Volatile Memory:** Uses EEPROM to store configuration settings so they are not lost during a power failure. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the scaling on the M2UDS model?
    • ⤷ What are the common wiring diagrams for the 4-20mA output loop?
    • ⤷ Is this model compatible with 24V DC power sources?