Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2UDS-GF-R/N

  • AI
    The **M2UDS-GF-R/N** is a specific industrial digital meter/transducer, typically associated with the **M-System (now MG CO., LTD)** M2 series. This device is an electronic unit designed to convert and display AC voltage/current signals into standard DC process signals. --- ## 1. Technical Specifications The model code "M2UDS-GF-R/N" can be broken down into its electronic components and functional parameters: | Component Code | Description | Specification | | :--- | :--- | :--- | | **M2UDS** | Base Model | Digital Multi-Unit (Transducer with Display) | | **G** | Input Type | AC Voltage / Current (Universal Input) | | **F** | Output Type | 4 – 20 mA DC (Current Loop) | | **R** | Power Input | 24V DC | | **N** | Compliance | Non-CE (Standard Industrial Grade) | --- ## 2. Key Electronic Blocks ### A. Input Stage (Signal Conditioning) The input block utilizes a high-precision potential transformer or shunt resistor (depending on input configuration) to step down AC high-voltage or high-current signals. This stage includes: * **Isolation Transformer:** Provides galvanic isolation between the high-power input and the low-power logic. * **RMS-to-DC Converter:** Processes the AC waveform to calculate the True RMS value, ensuring accuracy even with distorted waveforms. ### B. Processing & Conversion * **Microprocessor (MCU):** The "brain" of the M2UDS. It handles the scaling, digital filtering, and display logic. * **A/D Converter:** Converts the conditioned analog input into a high-resolution digital signal for processing. * **D/A Converter:** Converts the processed digital values back into a precise 4–20 mA analog output. ### C. Output & Power * **Current Driver:** A robust output stage designed to drive loads up to 550 $\Omega$ for the 4–20 mA loop. * **Switching Power Supply:** The "R" designation indicates a 24V DC input. Internal DC-DC converters step this down to ±15V or 5V to power the operational amplifiers and MCU. --- ## 3. Wiring and Terminals The device typically uses a plug-in base for easy maintenance. ```text Terminal | Function ---------|----------------------------- 1 - 2 | Input (AC Signal) 4 - 5 | Output (4-20mA DC) 7 - 8 | Power Supply (24V DC) ``` --- ## 4. Operational Features * **Display:** Integrated 4-digit LED/LCD display for real-time monitoring of the input value. * **Configuration:** Electronic scaling is performed via front-panel buttons, eliminating the need for manual potentiometers (trimmers). * **Isolation:** Triple-way isolation (Input to Output to Power) prevents ground loops and protects the PLC/DCS connected to the output.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the M2UDS-GF series?
    • ⤷ How do you calibrate the 4-20mA output range on this device?
    • ⤷ Are there specific mounting requirements for the M2 series plug-in base?