Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2UDS-K4-R2

  • AI
    The **M2UDS-K4-R2** is a specific part number typically associated with high-performance **M.2 NVMe SSD enclosures** or docking stations, often featuring specialized connectivity bridges. Below is a breakdown of the electronic components and technical specifications usually found in this category of hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (M-Key / B+M Key) | | **Protocol Support** | NVMe (PCIe Gen 3x4 or 4x4) | | **External Connector** | USB 3.2 Gen 2 or Thunderbolt 3/4 | | **Data Transfer Rate** | Up to 10Gbps or 40Gbps (model dependent) | | **Housing Material** | Aluminum Alloy (for passive heat dissipation) | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) of an M2UDS-K4-R2 device typically consists of the following electronic subsystems: #### A. Bridge Controller (The "Brain") This is the most critical integrated circuit (IC). It acts as a translator between the NVMe protocol and the USB/Thunderbolt protocol. Common chips used include: * **JMicron JMS583:** Standard 10Gbps USB 3.1/3.2 to PCIe bridge. * **Realtek RTL9210B:** Highly efficient bridge supporting both NVMe and SATA M.2 drives. * **Intel JHL Series:** If the unit supports Thunderbolt 40Gbps speeds. #### B. Power Management Integrated Circuit (PMIC) Since M.2 NVMe drives require stable voltage (usually 3.3V) and can draw significant current during peak writes, the board contains: * **DC-DC Buck Converters:** To step down the 5V/20V from the USB port to 3.3V. * **Voltage Regulators (LDO):** To ensure clean, noise-free power to the flash controller. #### C. Thermal Management Elements * **Thermal Pads:** High-conductivity silicone pads that bridge the gap between the SSD and the outer metal shell. * **Heat Sinks:** Often integrated into the aluminum chassis to prevent "thermal throttling" of the electronic components. #### D. Protection Circuitry * **ESD Protection:** Diodes placed near the USB port to prevent static electricity from damaging the bridge chip. * **Overcurrent Protection (OCP):** Resettable fuses to protect the host computer if the SSD shorts out. --- ### 3. Indicator & Interface Electronics * **LED Status Indicators:** Driven by the bridge chip to show Power (Solid) and Data Activity (Flashing). * **Capacitors:** Electrolytic or Tantalum capacitors are used to provide "Power Loss Protection" (PLP) in higher-end models, ensuring the drive has enough energy to finish writing data if unplugged. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the M2UDS-K4-R2?
    • ⤷ Is this device compatible with SATA-based M.2 drives or only NVMe?
    • ⤷ Does the M2UDS-K4-R2 require external power or is it bus-powered?