Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2VF-60-R2

  • AI
    The **M2VF-60-R2** is a specialized electronic component, specifically a **Plug-in Signal Conditioner (Frequency Transmitter)** manufactured by M-System. It is designed to convert pulse frequency signals from sensors into standardized analog signals for industrial automation. --- ### 1. Core Technical Specifications The "M2VF-60-R2" code contains specific information about the device's configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | M2VF | Frequency Transmitter (V-Unit Series) | | **Input Signal** | 6 | Dry contact, open collector, or voltage pulse | | **Output Signal** | 0 | (Customizable/Default) Typically 4–20 mA or 0–10V DC | | **Power Input** | R | 24V DC | | **Operational Standard** | 2 | High-speed response or specific accuracy grade | ### 2. Electronic Operating Principles The device functions through a three-stage electronic process: 1. **Input Pulse Processing:** The input stage features a threshold detector that triggers on rising or falling edges of pulses. It can handle various sensors like proximity switches, rotary encoders, or flow meters. 2. **Frequency-to-Voltage (F/V) Conversion:** Internal circuitry converts the rate of incoming pulses (frequency) into a proportional internal DC voltage. 3. **Isolation & Amplification:** The unit provides **3-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the sensor side. ### 3. Physical & Electronic Connectivity The M2VF-60-R2 utilizes a **11-pin base** for plug-in installation. #### Connection Diagram (General) ```text Pin 1-2: Power Supply (24V DC) Pin 5-6: Pulse Input (+ / -) Pin 9-10: Analog Output (+ / -) ``` --- ### 4. Key Electronic Features * **Noise Filtering:** Includes electronic circuits to debounce mechanical contacts and filter out high-frequency electrical noise. * **Adjustability:** Equipped with Zero and Span adjustments (usually potentiometers) located on the front panel to calibrate the output signal. * **Low Power Consumption:** Optimized for 24V DC industrial power grids with minimal heat dissipation. ### 5. Common Applications * **Motor Speed Monitoring:** Converting RPM pulses from an encoder into a 4-20mA signal for a PLC. * **Flow Measurement:** Interfacing with turbine flow meters to monitor liquid flow rates. * **Production Counting:** Converting the frequency of items passing a sensor into a trend-line signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the M2VF series?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What are the advantages of 3-way isolation in this signal conditioner?