Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2VF-AA-R2/N

  • AI
    The **M2VF-AA-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner (Isolator)** manufactured by **M-System** (now often branded under MG CO., LTD). This electronic component is primarily used in industrial automation to interface between field instruments and control systems (PLC/DCS). --- ### 1. Technical Specifications The model code "M2VF-AA-R2/N" breaks down into specific electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | Standard industrial current loop input. | | **Output Signal** | 4 – 20 mA DC | Provides a mirrored, isolated current output. | | **Power Input** | 24V DC | Standard low voltage industrial power. | | **Configuration** | Fixed | Non-programmable; factory set for 4-20mA. | | **Isolation** | 3-Port Isolation | Input to Output to Power. | | **Mounting** | DIN Rail | Standard 35mm rail mounting. | --- ### 2. Core Electronic Functions The M2VF series serves several critical roles in a control circuit: 1. **Galvanic Isolation:** It uses optical or magnetic coupling to physically separate the input, output, and power circuits. This prevents **ground loops** from damaging sensitive PLC cards. 2. **Noise Suppression:** By isolating the circuit, it filters out high-frequency electromagnetic interference (EMI) that might be picked up by long field wires. 3. **Signal Impedance Matching:** It ensures the source instrument (e.g., a flow meter) sees the correct load impedance while providing a stable signal to the receiver. --- ### 3. Component Architecture Internally, the device consists of several stages: * **Input Stage:** Contains a shunt resistor to convert the 4-20mA current into a voltage and a surge protector to guard against spikes. * **Isolation Barrier:** The heart of the device. It uses an internal high-frequency carrier to transmit the signal across a transformer or optocoupler. * **Output Stage:** Reconstructs the signal into a precise 4-20mA current loop capable of driving external loads (usually up to 550 $\Omega$). * **Power Module:** A DC/DC converter that takes the 24V input and creates regulated, isolated rails for the internal circuitry. --- ### 4. Wiring Diagram Representation The physical terminals are typically organized as follows: ```text TERMINAL ASSIGNMENT [1] Output (+) [5] Input (+) [2] Output (-) [6] Input (-) [3] Power (+) [4] Power (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2VF-AA-R2/N output?
    • ⤷ How does 3-port isolation differ from 2-port isolation in this module?
    • ⤷ Can this module be used to convert a 0-10V signal to 4-20mA?