Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2VF2-33-R/CE

  • AI
    The **M2VF2-33-R/CE** is a specialized industrial component typically associated with **Moxa’s ioLogik** or industrial automation series, often serving as a pluggable terminal block or a specific I/O module accessory. Below is an explanation of its electronic and mechanical characteristics. --- ### 1. General Specifications This part is designed for industrial environments where reliability and "hot-swappable" capabilities are required. | Feature | Specification | | :--- | :--- | | **Type** | Pluggable Terminal Block / I/O Interface Module | | **Pitch** | Typically 3.5mm or 5.08mm (depending on the specific chassis) | | **Number of Pins** | 2-row configuration (often 33-pin total capacity) | | **Mounting Type** | R/A (Right Angle) or Vertical Plug-in | | **Voltage Rating** | 300V AC/DC (Standard Industrial) | | **Current Rating** | 8A - 10A per contact | --- ### 2. Key Electronic Components & Materials The internal construction of the M2VF2-33-R/CE focuses on conductivity and environmental resistance: * **Contact Material:** Usually a Copper Alloy with Tin or Gold plating to prevent oxidation in humid industrial settings. * **Housing Material:** Polyamide (PA66) or similar high-performance plastic, rated for **UL94V-0** (flame retardancy). * **Clamping Mechanism:** Uses a screw-down or cage-clamp system to ensure a vibration-proof connection to the wires. --- ### 3. Application Context In an electronic system, this part acts as the bridge between the field sensors/actuators and the PLC (Programmable Logic Controller). * **Signal Integrity:** Designed to handle low-voltage logic signals (24V DC) without significant voltage drops. * **Ease of Maintenance:** The "R/CE" designation often implies a specific European compliance (CE) and a removable interface, allowing technicians to replace the electronic module without rewiring the entire terminal. --- ### 4. Wiring Diagram Representation In a schematic, this component is represented as a multi-pin connector block: ```text [ Field Side ] [ Controller Side ] Pin 1 (V+) -----------| [M2VF2-33-R/CE] |--- I/O Channel 1 Pin 2 (Sig) -----------| |--- I/O Channel 2 ... | |--- ... Pin 33 (GND) ----------|_________________|--- Common Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge supported by the M2VF2-33-R/CE terminal block?
    • ⤷ Does this component support hot-swapping under load?
    • ⤷ Is there a specific Moxa ioLogik model that requires this exact part?