Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M2VF2-36-R

  • AI
    The **M2VF2-36-R** is a specific technical component typically associated with high-frequency electronic systems, specifically in the realm of **RF (Radio Frequency) and Microwave technology**. It is part of the **Double-Balanced Mixer** family, often manufactured by companies like Marki Microwave. --- ### 1. Component Overview The M2VF2-36-R is a wideband, double-balanced mixer designed to convert frequencies by multiplying two input signals. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Double-Balanced Mixer | | **RF/LO Frequency Range** | 2.0 to 36.0 GHz | | **IF Frequency Range** | DC to 12.0 GHz | | **Package Type** | Surface Mount (SMT) or Plug-in | | **Lead-Free/RoHS** | Yes (Indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics #### A. Wide Bandwidth The "36" in the part number signifies its ability to handle frequencies up to **36 GHz**. This makes it suitable for Ka-band applications, satellite communications, and high-speed radar. #### B. Double-Balanced Architecture Unlike single-balanced mixers, this component uses a symmetrical structure (usually a quad-diode ring with transformers). This provides: * **High Isolation:** Prevents the Local Oscillator (LO) signal from leaking into the RF or IF ports. * **Suppression of Intermodulation:** Reduces unwanted "spurs" or harmonic distortion in the output signal. #### C. Conversion Loss Typical of passive mixers, this part does not amplify the signal; it has a conversion loss (usually between 6dB and 10dB). This means the output signal power is lower than the input signal power. --- ### 3. Pin Configuration and Integration In a typical circuit layout, the M2VF2-36-R interfaces with three primary ports: 1. **RF Port (Radio Frequency):** The input for the high-frequency signal to be down-converted (or output for up-conversion). 2. **LO Port (Local Oscillator):** The "carrier" signal used to shift the RF frequency. 3. **IF Port (Intermediate Frequency):** The resulting lower-frequency signal (down-conversion) or the baseband signal (up-conversion). --- ### 4. Common Applications * **Electronic Warfare (EW):** Used in signal jamming or intelligence gathering. * **5G Infrastructure:** High-frequency backhaul equipment. * **Test & Measurement:** Integrated into spectrum analyzers and signal generators. * **Point-to-Point Radio:** High-capacity microwave links. ---
    ✨ Follow-up Questions
    • ⤷What is the typical LO drive power required for this mixer?
    • ⤷ How does the DC-coupled IF port benefit high-speed data applications?
    • ⤷ What are the soldering precautions for the M2VF2-36-R surface mount package?