M34C02-W-RMB6TG
AI

The **M34C02-W-RMB6TG** is a specialized Serial I²C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is primarily designed for use in DRAM memory modules to store SPD (Serial Presence Detect) data.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I²C Serial (2-wire) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Voltage Range (Vcc)** | 2.5V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +85°C |
| **Endurance** | 1 Million Write Cycles |
| **Data Retention** | 40 Years |
---
## Key Features
### 1. Write Protection Mechanism
Unlike standard EEPROMs, the M34C02 series features advanced write protection:
* **Permanent Write Protection:** The first 128 bytes (00h to 7Fh) can be permanently locked via a specific software sequence. This prevents accidental overwriting of critical SPD data.
* **Software Write Protection:** Allows the device to be placed in a "Read-Only" mode using reversible commands.
### 2. Physical Design (UFDFPN8)
The **RMB6TG** suffix indicates the package type. It is a very small, leadless 2x3mm package designed for space-constrained PCB environments like laptop SO-DIMM sticks.
### 3. I²C Protocol Support
* **Device Slave Address:** The device uses a 4-bit fixed code (`1010`) followed by 3 hardware-selectable address pins (E0, E1, E2).
* **Byte and Page Write:** Supports 16-byte page write operations for faster data programming.
---
## Typical Application Circuit
In a memory module application, the M34C02 is connected as follows:
```text
VCC (2.5V - 5.5V)
|
[Pull-up Resistors]
| |
SDA ----o------|---- (Serial Data)
SCL -----------o---- (Serial Clock)
|
[M34C02]
/ | \ \
E0 E1 E2 WP
| | | |
GND/VCC (Write Protect Pin)
```
---
## Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **M34** | Application Specific Memory (SPD) |
| **C02** | 2 Kbit Capacity |
| **-W** | 2.5V to 5.5V Supply Voltage |
| **RMB** | UFDFPN8 Package (2x3mm) |
| **6** | Industrial Temperature Range (-40 to 85°C) |
| **TG** | Tape & Reel Packaging |
- ⤷
What is the difference between the M34C02 and a standard M24C02 EEPROM?
- ⤷ How do you permanently lock the write protection on this chip?
- ⤷ What are the specific timing requirements for the I2C interface on this device?