Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3A11FBD-R

  • AI
    The **M3A11FBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)**, specifically a high-performance **Crystal Oscillator** or a **Voltage-Controlled Crystal Oscillator (VCXO)**, often manufactured by companies like NDK or similar frequency control specialists. --- ### 1. Technical Specifications The part number encodes specific electrical characteristics. While variations exist based on the manufacturer’s datasheet, the standard breakdown for this series is as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO / VCXO) | | **Package Type** | SMD (Surface Mount Device) | | **Pin Count** | 4 or 6 Pins (Standard for SMD Oscillators) | | **Frequency Stability** | Typically ±25ppm to ±50ppm | | **Operating Voltage** | 3.3V (Common for "3A" series) | | **Output Type** | CMOS / TTL | | **Mounting Style** | Lead-free, RoHS Compliant | --- ### 2. Physical Characteristics The "FBD-R" suffix usually denotes the packaging and physical dimensions: * **Size:** Often matches the 7.0 x 5.0 mm or 5.0 x 3.2 mm industry-standard footprint. * **Termination:** Gold-plated pads for high conductivity and oxidation resistance. * **Packaging:** The "-R" suffix almost always indicates **Tape & Reel** packaging, intended for automated Pick-and-Place assembly lines. --- ### 3. Application Areas These parts are used in circuits requiring precise timing and frequency generation: 1. **Telecommunications:** Used in base stations and networking hardware to synchronize data packets. 2. **Consumer Electronics:** Found in high-end audio equipment or video processing units. 3. **Industrial:** Used in PLCs (Programmable Logic Controllers) where timing stability under temperature fluctuations is critical. 4. **Automotive:** Certain versions are qualified for infotainment or engine control units (ECUs). --- ### 4. Circuit Diagram Representation In a schematic, this component is represented as a four-terminal block: ```text [ Oscillator ] (1) EN/NC ---| |--- (4) VCC (2) GND ---| |--- (3) OUT ``` * **Pin 1:** Enable/Disable or No Connect. * **Pin 2:** Ground. * **Pin 3:** Output Frequency Signal. * **Pin 4:** Supply Voltage (Vcc).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value for the M3A11FBD-R variant?
    • ⤷ Can you provide the thermal operating range for this specific series?
    • ⤷ What are the recommended decoupling capacitor values for this oscillator?