Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3H33TDD-R

  • AI
    The **M3H33TDD-R** is a high-performance **Synchronous Buck Converter (Step-Down)** integrated circuit, typically used in automotive and industrial power management systems. It is designed to convert a higher input voltage into a regulated lower output voltage with high efficiency. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. General Specifications The M3H33TDD-R is part of a family of DC-DC converters known for high integration and a small footprint. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (Standard Application) | | **Output Current** | 3A Continuous | | **Switching Frequency** | ~500 kHz to 1.2 MHz (Internal Oscillator) | | **Topology** | Synchronous Buck (Step-Down) | | **Package Type** | QFN (Quad Flat No-lead) | --- ## 2. Key Electronic Components & Internal Blocks To understand how the M3H33TDD-R functions, we look at its internal architecture: ### A. Integrated MOSFETs Unlike traditional buck converters that require an external diode, this "Synchronous" IC integrates both the **High-Side** and **Low-Side** Power MOSFETs. * **Benefit:** Reduces power loss associated with diode forward voltage drops, leading to efficiencies often exceeding 90%. ### B. Control Loop (PWM/PFM) The chip utilizes Pulse Width Modulation (PWM) for heavy loads to maintain a stable frequency and Pulse Frequency Modulation (PFM) for light loads to save energy. ### C. Protection Circuitry The IC includes several "Safety" electronic parts internally: * **Over-Current Protection (OCP):** Limits the peak current through the MOSFETs to prevent burnout. * **Thermal Shutdown:** Shuts the device off if the internal die temperature exceeds safety limits (usually around 150°C). * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't attempt to operate if the input voltage is too low to drive the MOSFET gates properly. --- ## 3. Typical External Application Circuit While the M3H33TDD-R is highly integrated, it requires several external passive components to function: 1. **Input Capacitor ($C_{IN}$):** Usually a low-ESR ceramic capacitor to filter high-frequency switching noise. 2. **Inductor ($L$):** The energy storage element. Its value determines the output ripple current. 3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage. 4. **Feedback Resistors ($R_1, R_2$):** A voltage divider connected to the FB pin to set the specific output voltage (e.g., 3.3V or 5V). --- ## 4. Pin Configuration Functions The "TDD" package typically features a specific pinout for thermal management: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VIN** | Power Input | Supplies power to the internal MOSFETs and control logic. | | **SW** | Switch Node | Connection point for the external inductor. | | **GND** | Ground | Reference point and heat sink path. | | **FB** | Feedback | Monitors output voltage to regulate the PWM duty cycle. | | **EN** | Enable | Logic high turns the chip on; logic low puts it in shutdown mode. | --- ### Summary of Use Cases * **Infotainment Systems:** Providing 3.3V rails from a 12V battery. * **Distributed Power Systems:** Point-of-Load (POL) regulation. * **Industrial Sensors:** Stable power delivery in noisy environments.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for a 5V output?
    • ⤷ Does the M3H33TDD-R support AEC-Q100 qualification for automotive use?
    • ⤷ How does the synchronous rectification in this chip compare to a standard diode-based buck converter?