AI

The **M3H48TAG-R** belongs to the **M3H Group** of the **TXZ+™ Family Advance Class** microcontrollers manufactured by Toshiba. It is based on the high-performance ARM® Cortex®-M3 core and is designed primarily for motor control, industrial equipment, and consumer electronics.
---
## 1. Core Technical Specifications
This microcontroller is optimized for efficiency and real-time control.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 12 KB (including 2 KB of Data Flash) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP48 (7mm x 7mm) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Electronic Peripheral Modules
The "electronic parts" within this IC consist of several specialized hardware blocks:
### A. Motor Control & Timers
* **Advanced Programmable Motor Control (A-PMD):** A 1-channel 3-phase PWM output generator. It supports dead-time insertion and emergency stop functions via external input.
* **Advanced Encoder Input Circuit (A-ENC):** Supports incremental encoders, helping in precise position and speed detection for motor shafts.
* **General Purpose Timers (T32A):** Includes 32-bit/16-bit timers for interval measurement and PWM generation.
### B. Analog Components
* **12-bit ADC:** Offers high-speed conversion (approx. 1.0 $\mu s$). It is used to sample sensor data, current, or voltage levels.
* **DAC:** A 1-channel, 8-bit Digital-to-Analog converter for generating reference voltages or waveforms.
### C. Communication Interfaces
* **UART:** Up to 4 channels for asynchronous serial communication.
* **I2C / SIO:** Up to 3 channels for interfacing with sensors and EEPROMs.
* **TSPI:** Up to 3 channels of synchronized serial interface (SPI) for high-speed data transfer.
---
## 3. Architecture & Functional Blocks
The internal "parts" work together through a Multi-layer AHB/APB bus system:
1. **Clock Generator (CG):** Includes internal high-speed and low-speed oscillators, plus a PLL to reach the 120MHz speed from a lower frequency crystal.
2. **Voltage Regulator:** Converts the external VDD (e.g., 5V) to the internal core voltage (typically 1.2V).
3. **Watchdog Timer (WDT):** Provides a failsafe mechanism to reset the MCU if the software hangs.
4. **DMA Controller:** Allows data movement between peripherals and memory without CPU intervention, reducing power consumption and latency.
---
## 4. Typical Applications
Due to its LQFP48 footprint and motor-specific hardware, it is commonly found in:
* Small home appliances (fans, washing machine pumps).
* Office automation (printers, scanners).
* Industrial sensors and small-scale motor actuators.
- ⤷
What are the power consumption characteristics of the M3H48TAG-R in sleep mode?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ What development tools or IDEs are compatible with the Toshiba TXZ+ family?