Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3H68TAD-R

  • AI
    The **M3H68TAD-R** is a high-performance power management component, specifically an **N-Channel Enhancement Mode Trench Power MOSFET**. It is commonly used in power switching applications, DC-DC converters, and motor control due to its high efficiency and low thermal resistance. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3H68TAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 60A - 80A (depending on cooling) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~6.5mΩ @ $V_{GS}$ = 10V | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V | | **Package Type** | Package | TO-252 (D-PAK) | --- ### 2. Functional Features * **Trench Technology:** Uses a high-density cell design to achieve extremely low $R_{DS(on)}$, which minimizes power loss during conduction. * **Fast Switching:** Optimized for high-frequency switching applications, reducing switching losses. * **Thermal Efficiency:** The TO-252 package allows for excellent heat dissipation when mounted on a PCB with adequate copper trace area. * **Logic Level Compatibility:** The low gate threshold voltage allows the MOSFET to be driven directly by 5V logic circuits or microcontrollers. --- ### 3. Pin Configuration (TO-252) When looking at the part from the front (leads pointing down): 1. **Gate (G):** Controls the "on" and "off" state of the MOSFET. 2. **Drain (D):** The center lead and the large metal tab on the back. 3. **Source (S):** Usually connected to the system ground or negative load side. --- ### 4. Common Applications * **Motherboards & Servers:** Used in VRM (Voltage Regulator Module) circuits to step down voltage for CPUs. * **DC-DC Converters:** Buck or Boost converters for power supplies. * **Motor Drivers:** Ideal for H-bridge configurations in small to medium DC motors. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for load switching.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M3H68TAD-R?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET at 40A?
    • ⤷ What is the maximum gate-source voltage ($V_{GS}$) to avoid damaging the component?