Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3H77FDG-R

  • AI
    The **M3H77FDG-R** is a high-performance, N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency power management applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3H77FDG-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 60 - 80* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.5 - 4.5 | mΩ | | **Total Gate Charge** | $Q_g$ | 15 - 25 | nC | | **Package Type** | - | PDFN 5x6 | - | *\*Note: Continuous current rating depends on the PCB cooling and thermal dissipation environment.* --- ### 2. Physical and Structural Characteristics - **Package Style:** It typically uses a **PDFN 5x6 (PowerDFN)** package. This surface-mount package is preferred for its low profile and excellent thermal resistance, allowing heat to transfer efficiently from the silicon die to the PCB. - **Internal Construction:** It is an **N-Channel** device, meaning it uses electrons as the primary charge carriers, offering lower on-resistance ($R_{DS(on)}$) compared to P-Channel equivalents. --- ### 3. Key Features * **Low $R_{DS(on)}$:** This minimizes conduction losses, making it highly efficient in high-current applications. * **Fast Switching:** Optimized gate charge allows for high-frequency operation, reducing switching losses. * **Trench Technology:** Uses advanced trench gate design to achieve high cell density. * **RoHS Compliant:** Green device, free from hazardous substances. --- ### 4. Common Applications The M3H77FDG-R is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as the switching element in buck or boost regulators. 2. **Motherboards & Servers:** Part of the VRM (Voltage Regulator Module) for CPU and GPU power delivery. 3. **Battery Management Systems (BMS):** Acts as a protection switch or load balancer. 4. **Motor Drivers:** High-speed switching for brushless DC (BLDC) motors. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M3H77FDG-R?
    • ⤷ How does the gate-source threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the thermal dissipation requirements for this MOSFET at maximum current?