Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3V64TAJ-R

  • AI
    The **M3V64TAJ-R** is a specific part number typically associated with **SMD (Surface Mount Device) Electrolytic Capacitors**, specifically from the **M3 Series** produced by manufacturers like Lelon or similar electronic component brands. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number encodes specific data regarding its electrical capacity, voltage rating, and physical size. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | SMD (Surface Mount Device) / V-Chip | | **Capacitance** | 640 $\mu$F (Derived from "64") | | **Voltage Rating** | 35V or 50V (Depends on specific manufacturer prefix) | | **Tolerance** | $\pm$20% | | **Operating Temperature** | -40°C to +105°C (Standard for M3 series) | --- ### 2. Key Features The M3 series is designed for general-purpose applications requiring a vertical chip (V-chip) configuration. * **Longevity:** Rated for approximately 2,000 hours at 105°C. * **Reflow Soldering:** Designed to withstand high-temperature lead-free reflow soldering processes. * **Polarity:** These are polarized components; the negative terminal is usually marked with a black stripe on the top of the casing. * **Low Profile:** The "V" in the series often denotes a vertical orientation which saves horizontal PCB real estate. --- ### 3. Application Areas These parts are commonly found in power management and signal filtering circuits: * **DC-DC Converters:** Used for smoothing output voltage ripples. * **Power Supplies:** Found in the input/output stages of AC-DC adapters. * **Consumer Electronics:** Used in televisions, monitors, and audio equipment. * **Automotive Infotainment:** Often used in non-critical dashboard electronics due to the 105°C temperature rating. --- ### 4. Technical Precautions When working with the M3V64TAJ-R, consider the following technical constraints: 1. **Polarity:** Incorrect installation will lead to component failure or explosion. 2. **ESR (Equivalent Series Resistance):** Aluminum capacitors have higher ESR than Ceramic (MLCC) or Tantalum; ensure this meets your ripple current requirements. 3. **Shelf Life:** Electrolytic capacitors can dry out over time if stored in high-heat environments without being powered.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint/dimensions for the M3V64TAJ-R?
    • ⤷ How does the ESR of this capacitor compare to a Tantalum alternative?
    • ⤷ What are the specific reflow soldering temperature limits for this part?